| Moteur de recherche de fiches techniques de composants électroniques |
|
PSL-DCPLX-BL Fiches technique(PDF) 3 Page - PANDUIT CORP. |
|
|
|||||||||||||||||||||||||||||
PSL-DCPLX-BL Fiches technique(HTML) 3 Page - PANDUIT CORP. |
|
3 / 11 page ![]() 3 Circuit Breaker | Lockout / Tagout Circuit Breaker Lockout System OSHA (Occupational Safety and Health Administration) mandates that all energy sources be turned off and locked out to protect employees from injuries caused by the accidental startup of equipment under repair and service. To support compliance with OSHA 1910.147, Panduit offers a complete line of high quality, Circuit Breaker Lockout Devices to ensure that electrical energy sources are isolated for optimal work place safety. These Circuit Breaker Lockouts are part of an extensive line of innovative safety devices designed by Panduit to protect employees from risks associated with all forms of hazardous energy, while meeting safety and regulatory requirements. PowerLOK™ Circuit Breaker Lockout Devices Universal & I-LINE ™ Circuit Breaker Lockout Devices Miniature Circuit Breaker Lockout Devices Large Handle Circuit Breaker Lockout Device Part No. Description Std. Pkg. Qty. PSL-PCB PowerLOK™ Circuit Breaker Lockout 1 PSL-PCB-V PowerLOK™ Circuit Breaker Lockout 5 PSL-PCBNT PowerLOK™ “No Tool” Circuit Breaker Lockout 1 PSL-PCBNT-V PowerLOK™ "No Tool" Circuit Breaker Lockout 5 Part No. Description Std. Pkg. Qty. PSL-CB Universal circuit breaker lockout 1 PSL-CB-V Universal circuit breaker lockout 5 PSL-CBNT “No Tool” Universal circuit breaker lockout 1 PSL-CBNT-V “No Tool” Universal circuit breaker lockout 5 PSL-CBIL Circuit breaker lockout device for use with Square D I-LINE™/Federal Pacific (FPE) circuit breakers 1 PSL-CBILNT “No Tool” circuit breaker lockout for use with Square D I-LINE™/Federal Pacific (FPE) circuit breakers 1 PSL-CBKIT Circuit breaker lockout kit (1 each PSL-CBL, PSL-CBNT, PSL-CBILNT) 1 PSL-CB-3PC (3) PSL-CB universal circuit breaker lockout 1 Part No. Description Std. Pkg. Qty. PSL-MCB Universal miniature circuit breaker lockout 1 PSL-MCB-V Universal miniature circuit breaker lockout 5 PSL-MCBNT “No Tool” miniature circuit breaker lockout 1 PSL-MCBNT-V “No Tool” miniature circuit breaker lockout 5 Part No. Description Std. Pkg. Qty. PSL-CBL Large handle circuit breaker lockout 1 PSL-CBL-V Large handle circuit breaker lockout 5 Panduit’s new PowerLOK™ Circuit Breaker Lockout Devices include many innovative features to provide a versatile, easy to use lockout/tagout device. These devices can be applied to single or multi-pole circuit breakers (such as 120/277V breakers) to prevent the breaker from being turned back on; for safe performance of maintenance or service in accordance with lockout/tagout procedures. • Two Metal Contacts • Fits Single and Multi-Pole Circuit Breakers • Two-Position Padlock Design • Two-Piece Construction • Quickly locks out circuit breakers (such as 120/277V breakers); ideal for industrial and harsh applications • PSL-CB and PSL-CBIL can be installed using a screwdriver • PSL-CBNT and PSL-CBILNT can be installed by hand, with no tool required • Quickly locks out miniature circuit breakers commonly used in industrial automation and motor control • On the PSL-MCBNT, multiple padlock orientations allow adjacent circuit breakers to be locked out individually • PSL-MCB can be installed using a screwdriver • PSL-MCBNT can be installed by hand with no tool required • Quickly locks out large molded-case circuit breakers (such as 480/600V breakers) • Can be installed by hand, with no tool required PSL-PCB PSL-MCB PSL-CBL PSL-CBNT PSL-PCBNT PSL-MCBNT PSL-CBILNT I-LINE® is a registered trademark of Square D Company®. 800.777.3300 | Panduit.com |