Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSL-DCPLX Fiches technique(PDF) 3 Page - PANDUIT CORP.

No de pièce PSL-DCPLX
Description  Just shutting down or disconnecting equipment is not enough…Lockout/ Tagout keeps employees safe by making it inoperable. Comply with OSHA Regulations and LOCK IT OUT!
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PANDUIT [PANDUIT CORP.]
Site Internet  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-DCPLX Fiches technique(HTML) 3 Page - PANDUIT CORP.

  PSL-DCPLX Datasheet HTML 1Page - PANDUIT CORP. PSL-DCPLX Datasheet HTML 2Page - PANDUIT CORP. PSL-DCPLX Datasheet HTML 3Page - PANDUIT CORP. PSL-DCPLX Datasheet HTML 4Page - PANDUIT CORP. PSL-DCPLX Datasheet HTML 5Page - PANDUIT CORP. PSL-DCPLX Datasheet HTML 6Page - PANDUIT CORP. PSL-DCPLX Datasheet HTML 7Page - PANDUIT CORP. PSL-DCPLX Datasheet HTML 8Page - PANDUIT CORP. PSL-DCPLX Datasheet HTML 9Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3
Circuit Breaker | Lockout / Tagout
Circuit Breaker Lockout System
OSHA (Occupational Safety and Health Administration) mandates that all energy sources be turned off and locked out to protect employees from injuries caused by the accidental
startup of equipment under repair and service. To support compliance with OSHA 1910.147, Panduit offers a complete line of high quality, Circuit Breaker Lockout Devices to ensure
that electrical energy sources are isolated for optimal work place safety. These Circuit Breaker Lockouts are part of an extensive line of innovative safety devices designed by Panduit to
protect employees from risks associated with all forms of hazardous energy, while meeting safety and regulatory requirements.
PowerLOK™ Circuit Breaker Lockout Devices
Universal & I-LINE
™ Circuit Breaker Lockout Devices
Miniature Circuit Breaker Lockout Devices
Large Handle Circuit Breaker Lockout Device
Part No.
Description
Std. Pkg. Qty.
PSL-PCB
PowerLOK™ Circuit Breaker Lockout
1
PSL-PCB-V
PowerLOK™ Circuit Breaker Lockout
5
PSL-PCBNT
PowerLOK™ “No Tool” Circuit Breaker Lockout
1
PSL-PCBNT-V
PowerLOK™ "No Tool" Circuit Breaker Lockout
5
Part No.
Description
Std. Pkg. Qty.
PSL-CB
Universal circuit breaker lockout
1
PSL-CB-V
Universal circuit breaker lockout
5
PSL-CBNT
“No Tool” Universal circuit breaker lockout
1
PSL-CBNT-V
“No Tool” Universal circuit breaker lockout
5
PSL-CBIL
Circuit breaker lockout device for use with Square
D I-LINE™/Federal Pacific (FPE) circuit breakers
1
PSL-CBILNT
“No Tool” circuit breaker lockout for use with
Square D I-LINE™/Federal Pacific (FPE)
circuit breakers
1
PSL-CBKIT
Circuit breaker lockout kit
(1 each PSL-CBL, PSL-CBNT, PSL-CBILNT)
1
PSL-CB-3PC
(3) PSL-CB universal circuit breaker lockout
1
Part No.
Description
Std. Pkg. Qty.
PSL-MCB
Universal miniature circuit breaker lockout
1
PSL-MCB-V
Universal miniature circuit breaker lockout
5
PSL-MCBNT
“No Tool” miniature circuit breaker lockout
1
PSL-MCBNT-V
“No Tool” miniature circuit breaker lockout
5
Part No.
Description
Std. Pkg. Qty.
PSL-CBL
Large handle circuit breaker lockout
1
PSL-CBL-V
Large handle circuit breaker lockout
5
Panduit’s new PowerLOK™ Circuit
Breaker Lockout Devices include
many innovative features to provide a
versatile, easy to use lockout/tagout
device. These devices can be applied
to single or multi-pole circuit breakers
(such as 120/277V breakers) to
prevent the breaker from being turned
back on; for safe performance of
maintenance or service in accordance
with lockout/tagout procedures.
• Two Metal Contacts
• Fits Single and Multi-Pole
Circuit Breakers
• Two-Position Padlock Design
• Two-Piece Construction
• Quickly locks out circuit breakers (such as 120/277V breakers); ideal for industrial
and harsh applications
• PSL-CB and PSL-CBIL can be installed using a screwdriver
• PSL-CBNT and PSL-CBILNT can be installed by hand, with no tool required
• Quickly locks out miniature
circuit breakers commonly used
in industrial automation and
motor control
• On the PSL-MCBNT, multiple
padlock orientations allow
adjacent circuit breakers to be
locked out individually
• PSL-MCB can be installed using a
screwdriver
• PSL-MCBNT can be installed by
hand with no tool required
• Quickly locks out large molded-case circuit breakers (such as 480/600V breakers)
• Can be installed by hand, with no tool required
PSL-PCB
PSL-MCB
PSL-CBL
PSL-CBNT
PSL-PCBNT
PSL-MCBNT
PSL-CBILNT
I-LINE® is a registered trademark of Square D Company®.
800.777.3300 | Panduit.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11