Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

M24M01-RMW6P Fiches technique(PDF) 8 Page - STMicroelectronics

No de pièce M24M01-RMW6P
Description  1 Mbit serial I짼C bus EEPROM
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M24M01-RMW6P Fiches technique(HTML) 8 Page - STMicroelectronics

Back Button M24M01-RMW6P Datasheet HTML 4Page - STMicroelectronics M24M01-RMW6P Datasheet HTML 5Page - STMicroelectronics M24M01-RMW6P Datasheet HTML 6Page - STMicroelectronics M24M01-RMW6P Datasheet HTML 7Page - STMicroelectronics M24M01-RMW6P Datasheet HTML 8Page - STMicroelectronics M24M01-RMW6P Datasheet HTML 9Page - STMicroelectronics M24M01-RMW6P Datasheet HTML 10Page - STMicroelectronics M24M01-RMW6P Datasheet HTML 11Page - STMicroelectronics M24M01-RMW6P Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 30 page
background image
Signal description
M24M01-R
8/30
2
Signal description
2.1
Serial Clock (SCL)
This input signal is used to strobe all data in and out of the device. In applications where this
signal is used by slave devices to synchronize the bus to a slower clock, the bus master
must have an open drain output, and a pull-up resistor must be connected from Serial Clock
(SCL) to VCC. (Figure 5 indicates how the value of the pull-up resistor can be calculated). In
most applications, though, this method of synchronization is not employed, and so the pull-
up resistor is not necessary, provided that the bus master has a push-pull (rather than open
drain) output.
2.2
Serial Data (SDA)
This bidirectional signal is used to transfer data in or out of the device. It is an open drain
output that may be wire-OR’ed with other open drain or open collector signals on the bus. A
pull up resistor must be connected from Serial Data (SDA) to VCC. (Figure 5 indicates how
the value of the pull-up resistor can be calculated).
2.3
Chip Enable (E1, E2)
These input signals are used to set the value that is to be looked for on the two bits (b2, b1)
of the 7-bit device select code. These inputs must be tied to VCC or VSS, to establish the
device select code as shown in Figure 3. When not connected (left floating), these inputs
are read as low (0,0).
Figure 3.
Device select code
2.4
Write Control (WC)
This input signal is useful for protecting the entire contents of the memory from inadvertent
write operations. Write operations are disabled to the entire memory array when Write
Control (WC) is driven high. When unconnected, the signal is internally read as VIL, and
Write operations are allowed.
When Write Control (WC) is driven high, device select and address bytes are
acknowledged, Data bytes are not acknowledged.
Ai12806
VCC
M24xxx
VSS
Ei
VCC
M24xxx
VSS
Ei



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30