Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BUF420M Fiches technique(PDF) 6 Page - STMicroelectronics

No de pièce BUF420M
Description  HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUF420M Fiches technique(HTML) 6 Page - STMicroelectronics

  BUF420M Datasheet HTML 1Page - STMicroelectronics BUF420M Datasheet HTML 2Page - STMicroelectronics BUF420M Datasheet HTML 3Page - STMicroelectronics BUF420M Datasheet HTML 4Page - STMicroelectronics BUF420M Datasheet HTML 5Page - STMicroelectronics BUF420M Datasheet HTML 6Page - STMicroelectronics BUF420M Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.7
0.460
B
0.96
1.10
0.037
0.043
C
1.70
0.066
D
8.7
0.342
E
20.0
0.787
G
10.9
0.429
N
16.9
0.665
P
26.2
1.031
R
3.88
4.09
0.152
0.161
U
39.50
1.555
V
30.10
1.185
R
C
D
A
P
G
P003N
TO-3 (version R) MECHANICAL DATA
BUF420 / BUF420M
6/7



Html Pages

1 2 3 4 5 6 7