Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L7905CD2T-TR Fiches technique(PDF) 21 Page - STMicroelectronics

No de pièce L7905CD2T-TR
Description  Negative voltage regulators
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L7905CD2T-TR Fiches technique(HTML) 21 Page - STMicroelectronics

Back Button L7905CD2T-TR Datasheet HTML 16Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 17Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 18Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 19Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 20Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 21Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 22Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 23Page - STMicroelectronics L7905CD2T-TR Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
L79xxC
Package mechanical data
21/24
Figure 10.
D2PAK footprint recommended data
Table 13.
Footprint data
Values
mm.
inch.
A
12.20
0.480
B9.75
0.384
C
16.90
0.665
D3.50
0.138
E1.60
0.063
F2.54
0.100
G5.08
0.200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24