Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BU941P Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce BU941P
Description  HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BU941P Fiches technique(HTML) 5 Page - STMicroelectronics

  BU941P Datasheet HTML 1Page - STMicroelectronics BU941P Datasheet HTML 2Page - STMicroelectronics BU941P Datasheet HTML 3Page - STMicroelectronics BU941P Datasheet HTML 4Page - STMicroelectronics BU941P Datasheet HTML 5Page - STMicroelectronics BU941P Datasheet HTML 6Page - STMicroelectronics BU941P Datasheet HTML 7Page - STMicroelectronics BU941P Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
11.00
13.10
0.433
0.516
B
0.97
1.15
0.038
0.045
C
1.50
1.65
0.059
0.065
D
8.32
8.92
0.327
0.351
E
19.00
20.00
0.748
0.787
G
10.70
11.10
0.421
0.437
N
16.50
17.20
0.649
0.677
P
25.00
26.00
0.984
1.023
R
4.00
4.09
0.157
0.161
U
38.50
39.30
1.515
1.547
V
30.00
30.30
1.187
1.193
R
C
D
A
P
G
P003F
TO-3 MECHANICAL DATA
BU941 / BU941P / BUB941PFI
5/8



Html Pages

1 2 3 4 5 6 7 8