| Moteur de recherche de fiches techniques de composants électroniques |
|
TAS3103ADBT Fiches technique(PDF) 31 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TAS3103ADBT Fiches technique(HTML) 31 Page - Texas Instruments |
|
31 / 154 page ![]() 1−24 Delay CH1 = 2 × {D1[11:0] + 1} S Slave Addr Ack Subaddr D1 and R1 Ack Ack Ack Ack Ack xxxxxxx l s b m s b xxx 0000 D2 and R2 Ack Ack Ack Ack xxxxxxx l s b m s b xxx 0000 Note: 2 × (D1 + D2 + D3) + 3 × (R1 +R2 +R3) ≤ 4076 0xFA l s b l s b xxxxxxx xxxxxxx m s b xxx 0000 m s b xxx 0000 D3 and R3 Ack Ack Ack Ack xxxxxxx l s b m s b xxx 0000 l s b xxxxxxx m s b xxx 0000 Delay Reverb Delay CH2 = 2 × {D2[11:0] + 1} Delay CH3 = 2 × {D3[11:0] + 1} Reserved Reverb CH1 = 2 × {R1[11:0] + 1} Reserved Reverb CH2 = 2 × {R2[11:0] + 1} Reverb CH3 = 2 × {R3[11:0] + 1} Delay/Reverb Assignments NOTE: Changes in reverb and delay assignments can result in unpleasant and extended audio artifacts. It is recommended that the TAS3103A always be muted before making reverb and delay changes. See Section 3.6.3 for a detailed discussion of this restriction. |