Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32L452VCI3 Fiches technique(PDF) 81 Page - STMicroelectronics

No de pièce STM32L452VCI3
Description  Ultra-low-power ARM® Cortex®-M4 32-bit MCUFPU, 100DMIPS, up to 512KB Flash, 160KB SRAM, analog, audio, ext. SMPS
PDF  210 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L452VCI3 Fiches technique(HTML) 81 Page - STMicroelectronics

Back Button STM32L452VCI3 Datasheet HTML 77Page - STMicroelectronics STM32L452VCI3 Datasheet HTML 78Page - STMicroelectronics STM32L452VCI3 Datasheet HTML 79Page - STMicroelectronics STM32L452VCI3 Datasheet HTML 80Page - STMicroelectronics STM32L452VCI3 Datasheet HTML 81Page - STMicroelectronics STM32L452VCI3 Datasheet HTML 82Page - STMicroelectronics STM32L452VCI3 Datasheet HTML 83Page - STMicroelectronics STM32L452VCI3 Datasheet HTML 84Page - STMicroelectronics STM32L452VCI3 Datasheet HTML 85Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 210 page
background image
Port E
PE0
-
----
-
TIM16_CH1
EVENTOUT
PE1
-
----
-
-
EVENTOUT
PE2
-
TSC_G7_IO1
-
-
-
SAI1_MCLK_A
-
EVENTOUT
PE3
-
TSC_G7_IO2
-
-
-
SAI1_SD_B
-
EVENTOUT
PE4
-
TSC_G7_IO3
-
-
-
SAI1_FS_A
-
EVENTOUT
PE5
-
TSC_G7_IO4
-
-
-
SAI1_SCK_A
-
EVENTOUT
PE6
-
----
SAI1_SD_A
-
EVENTOUT
PE7
-
----
SAI1_SD_B
-
EVENTOUT
PE8
-
----
SAI1_SCK_B
-
EVENTOUT
PE9
-
----
SAI1_FS_B
-
EVENTOUT
PE10
-
TSC_G5_IO1
QUADSPI_CLK
-
-
SAI1_MCLK_B
-
EVENTOUT
PE11
-
TSC_G5_IO2
QUADSPI_
BK1_NCS
-
-
-
-
EVENTOUT
PE12
-
TSC_G5_IO3
QUADSPI_
BK1_IO0
-
-
-
-
EVENTOUT
PE13
-
TSC_G5_IO4
QUADSPI_
BK1_IO1
-
-
-
-
EVENTOUT
PE14
-
-
QUADSPI_
BK1_IO2
-
-
-
-
EVENTOUT
PE15
-
-
QUADSPI_
BK1_IO3
-
-
-
-
EVENTOUT
Port H
PH0
-
----
-
-
EVENTOUT
PH1
-
----
-
-
EVENTOUT
PH3
-
----
-
-
EVENTOUT
Table 18. Alternate function AF8 to AF15 (for AF0 to AF7 see Table 17) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
UART4/
LPUART1/
CAN1
CAN1/TSC
CAN1/USB/
QUADSPI
-
SDMMC1/
COMP1/
COMP2
SAI1
TIM2/TIM15/
TIM16/LPTIM2
EVENTOUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More