| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32L452VCT3 Fiches technique(PDF) 24 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L452VCT3 Fiches technique(HTML) 24 Page - STMicroelectronics |
|
24 / 210 page ![]() Stop 1 LPR No Off ON LSE LSI BOR, PVD, PVM RTC, IWDG COMPx (x=1,2) DAC1 OPAMPx (x=1) USARTx (x=1...3)(9) UART4(9) LPUART1(9) I2Cx (x=1...4)(10) LPTIMx (x=1,2) *** All other peripherals are frozen. Reset pin, all I/Os BOR, PVD, PVM RTC, IWDG COMPx (x=1..2) USARTx (x=1...3)(9) UART4(9) LPUART1(9) I2Cx (x=1...4)(10) LPTIMx (x=1,2) USB_FS(11) 9.85 µA w/o RTC 10.5 µA w RTC 5.7 µs in SRAM 7 µs in Flash Stop 2 LPR No Off ON LSE LSI BOR, PVD, PVM RTC, IWDG COMPx (x=1..2) I2C3(10) LPUART1(9) LPTIM1 *** All other peripherals are frozen. Reset pin, all I/Os BOR, PVD, PVM RTC, IWDG COMPx (x=1..2) I2C3(10) LPUART1(9) LPTIM1 2.05 µA w/o RTC 2.30 µA w/RTC 5.8 µs in SRAM 8.3 µs in Flash Table 4. STM32L452xx modes overview (continued) Mode Regulator(1) CPU Flash SRAM Clocks DMA & Peripherals(2) Wakeup source Consumption(3) Wakeup time |