| Moteur de recherche de fiches techniques de composants électroniques |
|
STM32MP151AAA3 Fiches technique(PDF) 89 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32MP151AAA3 Fiches technique(HTML) 89 Page - STMicroelectronics |
|
89 / 245 page ![]() DS12500 Rev 1 89/245 STM32MP151A Pinouts, pin description and alternate functions 119 D3 E1 D3 C4 PE15 I/O FT - HDP3, TIM1_BKIN, TIM15_BKIN, USART2_CTS/USART2_NSS, UART8_CTS, FMC_NCE2, FMC_D12/FMC_DA12, LCD_R7, EVENTOUT - - - B3 A3 PH4 I/O FT_f - I2C2_SCL, LCD_G5, LCD_G4, EVENTOUT - Table 7. STM32MP151A pin and ball definitions (continued) Pin Number Pin name (function after reset) Pin functions Alternate functions Additional functions |