Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32MP151AAB3 Fiches technique(PDF) 107 Page - STMicroelectronics

No de pièce STM32MP151AAB3
Description  Arm® Cortex®-A7 650 MHz Cortex®-M4 MPU, TFT, 35 comm. interfaces, 25 timers, adv. analog
PDF  245 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32MP151AAB3 Fiches technique(HTML) 107 Page - STMicroelectronics

Back Button STM32MP151AAB3 Datasheet HTML 103Page - STMicroelectronics STM32MP151AAB3 Datasheet HTML 104Page - STMicroelectronics STM32MP151AAB3 Datasheet HTML 105Page - STMicroelectronics STM32MP151AAB3 Datasheet HTML 106Page - STMicroelectronics STM32MP151AAB3 Datasheet HTML 107Page - STMicroelectronics STM32MP151AAB3 Datasheet HTML 108Page - STMicroelectronics STM32MP151AAB3 Datasheet HTML 109Page - STMicroelectronics STM32MP151AAB3 Datasheet HTML 110Page - STMicroelectronics STM32MP151AAB3 Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 245 page
background image
Port C
PC10
UART4_TX
QUADSPI_
BK1_IO1
SAI4_MCLK_B
-
SDMMC1_D2
DCMI_D8
LCD_R2
EVENTOUT
PC11
UART4_RX
QUADSPI_
BK2_NCS
SAI4_SCK_B
-
SDMMC1_D3
DCMI_D4
-
EVENTOUT
PC12
UART5_TX
-
SAI4_SD_B
-
SDMMC1_CK
DCMI_D9
-
EVENTOUT
PC13
----
---
EVENTOUT
PC14
----
---
EVENTOUT
PC15
----
---
EVENTOUT
Table 9. Alternate function AF8 to AF15(1) (continued)
Port
AF8
AF9
AF10
AF11
AF12
AF13
AF14
AF15
SPI6/SAI2/
USART3/
UART4/5/8/
SDMMC1/2/
SPDIFRX
TIM13/14/
QUADSPI/
SDMMC2/3/
LCD/SPDIFRX
SAI2/4/
QUADSPI/
FMC/
SDMMC2/3/
OTG_FS/
OTG_HS
DFSDM1/
QUADSPI/
SDMMC1/
MDIOS/ETH1
SAI4/UART5/
FMC/SDMMC1/
MDIOS
UART7/DCMI/
LCD/RNG
UART5/LCD
SYS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More