Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC120 Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce ADC120
Description  8-channel, 50 ksps to 1 Msps, 12-bit A/D converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ADC120 Fiches technique(HTML) 2 Page - STMicroelectronics

  ADC120 Datasheet HTML 1Page - STMicroelectronics ADC120 Datasheet HTML 2Page - STMicroelectronics ADC120 Datasheet HTML 3Page - STMicroelectronics ADC120 Datasheet HTML 4Page - STMicroelectronics ADC120 Datasheet HTML 5Page - STMicroelectronics ADC120 Datasheet HTML 6Page - STMicroelectronics ADC120 Datasheet HTML 7Page - STMicroelectronics ADC120 Datasheet HTML 8Page - STMicroelectronics ADC120 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
1
Functional description
Figure 1. Pin description (top view)
IN1
IN2
DGND
DVCC
IN6
IN5
AGND
AVCC
11
14
13
12
8
10
9
1
2
3
4
5
6
7
IN0
IN7
DIN
IN3
IN4
/CS
DOUT
16
15
SCLK
Figure 2. Block diagram
IN0
IN7
Input
Mux.
T/H
AGND
12 bit
SAR
ADC
AGND
AVCC
DVCC
DGND
/CS
SCLK
DIN
DOUT
Control
Logic
Table 1. Control register bits
Bit#
7 (MSB)
6
5
4
3
2
1
0
Symbol
Any code except 11
ADD2
ADD1
ADD0
Any code except 001
Table 2. Control register bit description
Bit#
Symbol
Description
7, 6, 2, 1, 0
DONTC
Don’t care (forbidden codes provided in Table 1. Control register bits)
5
ADD2
They determine which input channel converted, as per Table 3. Input channel
description.
4
ADD1
3
ADD0
ADC120
Functional description
DS12987 - Rev 1
page 2/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15