| Moteur de recherche de fiches techniques de composants électroniques |
|
PTH12010LAH.B Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
PTH12010LAH.B Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 27 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 2-Jun-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) PTH12010LAH Active Production Through-Hole Module (EUH) | 10 25 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH12010LAH.B Active Production Through-Hole Module (EUH) | 10 25 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH12010LAS Active Production Surface Mount Module (EUJ) | 10 25 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12010LAS.B Active Production Surface Mount Module (EUJ) | 10 25 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12010LAZ Active Production Surface Mount Module (EUJ) | 10 25 | TIW TRAY Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH12010LAZ.B Active Production Surface Mount Module (EUJ) | 10 25 | TIW TRAY Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH12010WAH Active Production Through-Hole Module (EUH) | 10 25 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH12010WAH.B Active Production Through-Hole Module (EUH) | 10 25 | TIW TRAY Exempt SN N/A for Pkg Type -40 to 85 PTH12010WAS Active Production Surface Mount Module (EUJ) | 10 25 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12010WAS.B Active Production Surface Mount Module (EUJ) | 10 25 | TIW TRAY No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12010WAST Active Production Surface Mount Module (EUJ) | 10 250 | SMALL T&R No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS - PTH12010WAST.B Active Production Surface Mount Module (EUJ) | 10 250 | SMALL T&R No SNPB Level-1-235C-UNLIM/ Level-3-260C-168HRS -40 to 85 PTH12010WAZ Active Production Surface Mount Module (EUJ) | 10 25 | TIW TRAY Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH12010WAZ.B Active Production Surface Mount Module (EUJ) | 10 25 | TIW TRAY Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH12010WAZT Active Production Surface Mount Module (EUJ) | 10 250 | SMALL T&R Exempt SNAGCU Level-3-260C-168 HR -40 to 85 PTH12010WAZT.B Active Production Surface Mount Module (EUJ) | 10 250 | SMALL T&R Exempt SNAGCU Level-3-260C-168 HR -40 to 85 (1) Status: For more details on status, see our product life cycle. Addendum-Page 1 |