| Moteur de recherche de fiches techniques de composants électroniques |
|
RF430CL331HIPWR Fiches technique(PDF) 45 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
RF430CL331HIPWR Fiches technique(HTML) 45 Page - Texas Instruments |
|
45 / 63 page ![]() RF430CL331H www.ti.com SLASE18A – SEPTEMBER 2015 – REVISED NOVEMBER 2015 5.11.9 NDEF Block Length Register This register indicates the block length of the Read Binary or Update Binary commands to the host controller. Table 5-33. NDEF Block Length Register ADDRESS 15 14 13 12 11 10 9 8 0xFFE9 Block Length MSB ADDRESS 7 6 5 4 3 2 1 0 0xFFE8 Block Length LSB Table 5-34. NDEF Block Length Register Description BIT FIELD TYPE RESET DESCRIPTION 15-8 Block Length MSB R/W 0 Block length most significant byte. 7-0 Block Length LSB R/W 0 Block length least significant byte. 5.11.10 NDEF File Offset Register This register indicates the offset of the Read Binary or Update Binary commands to the host controller. Table 5-35. NDEF File Offset Register ADDRESS 15 14 13 12 11 10 9 8 0xFFE7 File Offset MSB ADDRESS 7 6 5 4 3 2 1 0 0xFFE6 File Offset LSB Table 5-36. NDEF File Offset Register Description BIT FIELD TYPE RESET DESCRIPTION 15-8 File Offset MSB R/W 0 File offset most significant byte. 7-0 File Offset LSB R/W 0 File offset least significant byte. Copyright © 2015, Texas Instruments Incorporated Detailed Description 45 Submit Documentation Feedback Product Folder Links: RF430CL331H |