Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6563 Fiches technique(PDF) 36 Page - STMicroelectronics

No de pièce L6563
Description  Advanced transition-mode PFC controller
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6563 Fiches technique(HTML) 36 Page - STMicroelectronics

Back Button L6563_07 Datasheet HTML 31Page - STMicroelectronics L6563_07 Datasheet HTML 32Page - STMicroelectronics L6563_07 Datasheet HTML 33Page - STMicroelectronics L6563_07 Datasheet HTML 34Page - STMicroelectronics L6563_07 Datasheet HTML 35Page - STMicroelectronics L6563_07 Datasheet HTML 36Page - STMicroelectronics L6563_07 Datasheet HTML 37Page - STMicroelectronics L6563_07 Datasheet HTML 38Page - STMicroelectronics L6563_07 Datasheet HTML 39Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 36 / 39 page
background image
Application examples and ideas
L6563 - L6563A
36/39
Figure 54. Demagnetization sensing without auxiliary winding
Figure 55. Enhanced turn-off for big MOSFET driving
Vinac
L6563
L6563A
Vout
CZCD
RZCD
Rload
9
ZCD
13
12
14
GD
GND
DRIVER
Vcc
Q
L6563
L6563A
Rs
BC327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39