| Moteur de recherche de fiches techniques de composants électroniques |
|
LP3985IM5-3.2/NOPB Fiches technique(PDF) 23 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LP3985IM5-3.2/NOPB Fiches technique(HTML) 23 Page - Texas Instruments |
|
23 / 34 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LP3985IM5X-4.7/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDRB LP3985IM5X-5.0/NO.A Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDSB LP3985IM5X-5.0/NOPB Active Production SOT-23 (DBV) | 5 3000 | LARGE T&R Yes SN Level-1-260C-UNLIM -40 to 125 LDSB LP3985ITL-2.5/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.5/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.6/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.6/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.7/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.7/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.8/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.8/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.9/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-2.9/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-285/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-285/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.0/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.0/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.1/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.1/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.3/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-3.3/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-4.8/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM - 5 LP3985ITL-4.8/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-5.0/NOPB Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITL-5.0/NOPB.A Active Production DSBGA (YZR) | 5 250 | SMALL T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITLX-2.5/NO.A Active Production DSBGA (YZR) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITLX-2.5/NOPB Active Production DSBGA (YZR) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITLX-2.7/NO.A Active Production DSBGA (YZR) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITLX-2.7/NOPB Active Production DSBGA (YZR) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITLX-2.8/NO.A Active Production DSBGA (YZR) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 LP3985ITLX-2.8/NOPB Active Production DSBGA (YZR) | 5 3000 | LARGE T&R Yes SNAGCU Level-1-260C-UNLIM -40 to 125 5 Addendum-Page 2 |