| Moteur de recherche de fiches techniques de composants électroniques |
|
LPC660IM/NOPB Fiches technique(PDF) 12 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LPC660IM/NOPB Fiches technique(HTML) 12 Page - Texas Instruments |
|
12 / 27 page ![]() LPC660 SNOS554D – MAY 1998 – REVISED MARCH 2013 www.ti.com Figure 29. (a) Inverting Amplifier Figure 30. (b) Non-Inverting Amplifier Figure 31. (c) Follower Figure 32. (d) Howland Current Pump The designer should be aware that when it is inappropriate to lay out a PC board for the sake of just a few circuits, there is another technique which is even better than a guard ring on a PC board: Don't insert the amplifier's input pin into the board at all, but bend it up in the air and use only air as an insulator. Air is an excellent insulator. In this case you may have to forego some of the advantages of PC board construction, but the advantages are sometimes well worth the effort of using point-to-point up-in-the-air wiring. See Figure 33. 12 Submit Documentation Feedback Copyright © 1998–2013, Texas Instruments Incorporated Product Folder Links: LPC660 |