| Moteur de recherche de fiches techniques de composants électroniques |
|
LMP8640 Fiches technique(PDF) 24 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMP8640 Fiches technique(HTML) 24 Page - Texas Instruments |
|
24 / 32 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 20-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) LMP8640HVMK-F/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AD6A LMP8640HVMK-H/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AF6A LMP8640HVMK-T/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AB6A LMP8640HVMKE-F/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AD6A LMP8640HVMKE-H/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AF6A LMP8640HVMKE-T/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AB6A LMP8640HVMKX-F/NOPB Active Production SOT-23- THIN (DDC) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AD6A LMP8640HVMKX-H/NOPB Active Production SOT-23- THIN (DDC) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AF6A LMP8640HVMKX-T/NOPB Active Production SOT-23- THIN (DDC) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AB6A LMP8640MK-F/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AC6A LMP8640MK-H/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AE6A LMP8640MK-T/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AA6A LMP8640MKE-F/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AC6A LMP8640MKE-H/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AE6A LMP8640MKE-T/NOPB Obsolete Production SOT-23- THIN (DDC) | 6 - - Call TI Call TI -40 to 125 AA6A LMP8640MKX-F/NOPB Active Production SOT-23- THIN (DDC) | 6 3000 | LARGE T&R Yes NIPDAU Level-1-260C-UNLIM -40 to 125 AC6A Addendum-Page 1 |