| Moteur de recherche de fiches techniques de composants électroniques |
|
LMV712TL/NOPB Fiches technique(PDF) 5 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LMV712TL/NOPB Fiches technique(HTML) 5 Page - Texas Instruments |
|
5 / 33 page ![]() 1 2 3 4 5 10 9 8 7 6 OUT A -IN A +IN A V - SD A V + OUT B -IN B +IN B SD B - + + - 5 LMV712-N, LMV712-N-Q1 www.ti.com SNOS534J – FEBRUARY 2001 – REVISED NOVEMBER 2016 Product Folder Links: LMV712-N LMV712-N-Q1 Submit Documentation Feedback Copyright © 2001–2016, Texas Instruments Incorporated (1) I = Input, O = Output, P = Power DGS Package 10-Pin VSSOP Top View Pin Functions: VSSOP Package PIN TYPE(1) DESCRIPTION NO. NAME 1 OUT A O Channel A output 2 –IN A I Channel A inverting input 3 +IN A I Channel A noninverting input 4 V– P Negative supply input 5 SD A I Channel A shutdown 6 SD B I Channel B shutdown 7 +IN B I Channel B noninverting input 8 –IN A I Channel B inverting input 9 OUT B O Channel B output 10 V+ P Positive supply input |