Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LMP8640 Fiches technique(PDF) 28 Page - Texas Instruments

No de pièce LMP8640
Description  LMP8640/-Q1/HV Precision High Voltage Current Sense Amplifiers
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

LMP8640 Fiches technique(HTML) 28 Page - Texas Instruments

Back Button LMP8640 Datasheet HTML 24Page - Texas Instruments LMP8640 Datasheet HTML 25Page - Texas Instruments LMP8640 Datasheet HTML 26Page - Texas Instruments LMP8640 Datasheet HTML 27Page - Texas Instruments LMP8640 Datasheet HTML 28Page - Texas Instruments LMP8640 Datasheet HTML 29Page - Texas Instruments LMP8640 Datasheet HTML 30Page - Texas Instruments LMP8640 Datasheet HTML 31Page - Texas Instruments LMP8640 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 33 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
2-Jun-2024
TAPE AND REEL INFORMATION
Reel Width (W1)
REEL DIMENSIONS
A0
B0
K0
W
Dimension designed to accommodate the component length
Dimension designed to accommodate the component thickness
Overall width of the carrier tape
Pitch between successive cavity centers
Dimension designed to accommodate the component width
TAPE DIMENSIONS
K0
P1
B0 W
A0
Cavity
QUADRANT ASSIGNMENTS FOR PIN 1 ORIENTATION IN TAPE
Pocket Quadrants
Sprocket Holes
Q1
Q1
Q2
Q2
Q3
Q3
Q4
Q4
User Direction of Feed
P1
Reel
Diameter
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
LMP8640HVMKX-F/NOPB SOT-23-
THIN
DDC
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMP8640HVMKX-
H/NOPB
SOT-23-
THIN
DDC
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMP8640HVMKX-T/NOPB SOT-23-
THIN
DDC
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMP8640MKX-F/NOPB
SOT-23-
THIN
DDC
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMP8640MKX-H/NOPB
SOT-23-
THIN
DDC
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMP8640MKX-T/NOPB
SOT-23-
THIN
DDC
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
LMP8640QMKX-T/NOPB SOT-23-
THIN
DDC
6
3000
178.0
8.4
3.2
3.2
1.4
4.0
8.0
Q3
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33