Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

0804099 Fiches technique(PDF) 1 Page - PHOENIX CONTACT

No de pièce 0804099
Description  EO-J/UT - Socket
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PHOENIX [PHOENIX CONTACT]
Site Internet  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0804099 Fiches technique(HTML) 1 Page - PHOENIX CONTACT

  0804099 Datasheet HTML 1Page - PHOENIX CONTACT 0804099 Datasheet HTML 2Page - PHOENIX CONTACT 0804099 Datasheet HTML 3Page - PHOENIX CONTACT 0804099 Datasheet HTML 4Page - PHOENIX CONTACT 0804099 Datasheet HTML 5Page - PHOENIX CONTACT 0804099 Datasheet HTML 6Page - PHOENIX CONTACT 0804099 Datasheet HTML 7Page - PHOENIX CONTACT 0804099 Datasheet HTML 8Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Please be informed that the data shown in this PDF document is generated from our online catalog. Please find the complete data in the user
documentation. Our general terms of use for downloads are valid.
Socket, for Switzerland and other countries, Pin connector pattern type J, connection method:
Screw connection, color: gray, nom. voltage: 250 V AC (50 Hz), nominal current: 16 A, for
mounting on a DIN rail in the service interface or direct mounting, standards/specifications:
SEV 1011, Country marking: Switzerland
Commercial data
Item number
0804099
Packing unit
5 pc
Minimum order quantity
5 pc
Sales key
BE76
Product key
BE761A
GTIN
4055626226347
Weight per piece (including packing)
73.44 g
Weight per piece (excluding packing)
73.09 g
Customs tariff number
85366990
Country of origin
PL
EO-J/UT - Socket
0804099
https://www.phoenixcontact.com/us/products/0804099
Sep 10, 2025, 12:25AM
Page 1 (8)


Numéro de pièce similaire - 0804099

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
0804090 PHOENIX-0804090 Datasheet
270Kb / 8P
EO-I/UT/LED/GN - Socket
logo
List of Unclassifed Man...
0804090700 ETC2-0804090700 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
0804090900 ETC2-0804090900 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
PHOENIX CONTACT
0804091 PHOENIX-0804091 Datasheet
274Kb / 8P
EO-I/UT/LED/DUO - Double socket
logo
List of Unclassifed Man...
0804091100 ETC2-0804091100 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
More results

Description similaire - 0804099

FabricantNo de pièceFiches techniqueDescription
logo
PHOENIX CONTACT
1212495 PHOENIX-1212495 Datasheet
77Kb / 3P
MICROFOX-EO
3044102 PHOENIX-3044102 Datasheet
159Kb / 7P
UT 4
1068038 PHOENIX-1068038 Datasheet
90Kb / 5P
Socket - EO-CF/UT/YE
09/12/2020
0804165 PHOENIX-0804165 Datasheet
180Kb / 5P
Socket - EO-AB/PT/15
01/21/2022
0804168 PHOENIX-0804168 Datasheet
171Kb / 5P
Socket - EO-AB/PT/LED/15
01/21/2022
0804173 PHOENIX-0804173 Datasheet
178Kb / 4P
Socket - EO-AB/PT/S/15
01/21/2022
0804174 PHOENIX-0804174 Datasheet
181Kb / 5P
Socket - EO-AB/PT/LED/S/15
01/21/2022
1263626 PHOENIX-1263626 Datasheet
316Kb / 8P
Double socket - EO-AB/PT/LED/DUO/V/GFI/15
Nov 16, 2022
1263627 PHOENIX-1263627 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/20
Nov 16, 2022
1263628 PHOENIX-1263628 Datasheet
316Kb / 8P
Double socket - EO-AB/UT/LED/DUO/V/GFI/15
Nov 16, 2022
More results


Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com