Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2STC5200 Fiches technique(PDF) 7 Page - STMicroelectronics

No de pièce 2STC5200
Description  High power NPN epitaxial planar bipolar transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2STC5200 Fiches technique(HTML) 7 Page - STMicroelectronics

  2STC5200 Datasheet HTML 1Page - STMicroelectronics 2STC5200 Datasheet HTML 2Page - STMicroelectronics 2STC5200 Datasheet HTML 3Page - STMicroelectronics 2STC5200 Datasheet HTML 4Page - STMicroelectronics 2STC5200 Datasheet HTML 5Page - STMicroelectronics 2STC5200 Datasheet HTML 6Page - STMicroelectronics 2STC5200 Datasheet HTML 7Page - STMicroelectronics 2STC5200 Datasheet HTML 8Page - STMicroelectronics 2STC5200 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2STC5200
Package mechanical data
7/9
Dim.
mm.
Min.
Typ
Max.
A4.805.20
A1
2.50
3.10
b
0.90
1.0
1.25
b1
2.5
b22.8
c
0.50
0.60
0.85
D
25.6
26.4
E19.80
20.20
e5.15
5.75
L19.50
20.50
L1
2.302.70
øP
3.55
3.65
TO-264 Mechanical data



Html Pages

1 2 3 4 5 6 7 8 9