| Moteur de recherche de fiches techniques de composants électroniques |
|
LM331 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
LM331 Fiches technique(HTML) 4 Page - Texas Instruments |
|
4 / 24 page ![]() LM231, LM331 SNOSBI2C – JUNE 1999 – REVISED SEPTEMBER 2015 www.ti.com 6 Pin Configuration and Functions P Package 8-Pin PDIP Top View Pin Functions PIN I/O DESCRIPTION NAME NO. IOUT 1 O Current Output IREF 2 I Reference Current FOUT 3 O Frequency Output. This output is an open-collector output and requires a pullup resistor. GND 4 G Ground RC 5 I R-C filter input THRESH 6 I Threshold input COMPIN 7 I Comparator Input VS 8 P Supply Voltage 7 Specifications 7.1 Absolute Maximum Ratings (1) (2) (3) MIN MAX UNIT Supply Voltage, VS 40 V Output Short Circuit to Ground Continuous Output Short Circuit to VCC Continuous Input Voltage −0.2 +VS V Lead Temperature (Soldering, 10 sec.) PDIP 260 °C (1) Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are measured with respect to GND = 0 V, unless otherwise noted. (3) If Military/Aerospace specified devices are required, please contact the TI Sales Office/Distributors for availability and specifications. 7.2 ESD Ratings VALUE UNIT V(ESD) Electrostatic discharge Human body model (HBM), per ANSI/ESDA/JEDEC JS-001(1)(2) ±500 V (1) JEDEC document JEP155 states that 500-V HBM allows safe manufacturing with a standard ESD control process. (2) Human body model, 100 pF discharged through a 1.5-k Ω resistor. 4 Submit Documentation Feedback Copyright © 1999–2015, Texas Instruments Incorporated Product Folder Links: LM231 LM331 |
|
Lien URL |
| ALLDATASHEET vous a-t-il été utile ? [ DONATE ] |
À propos de Alldatasheet | Publicité | Contactez-nous | Politique de confidentialité | Lien vers la fiche technique | Echange de liens | Fabricants All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |