| Moteur de recherche de fiches techniques de composants électroniques |
|
INA302A2IPWR Fiches technique(PDF) 22 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
INA302A2IPWR Fiches technique(HTML) 22 Page - Texas Instruments |
|
22 / 42 page ![]() VOUT (VIN+ - VIN-) x GAIN VLIMIT1 0 V ALERT1 LATCH1 Latch Mode Transparent Mode Alert Does Not Clear Alert Clears t1 t2 t3 t4 t5 22 INA302, INA303 SBOS775C – SEPTEMBER 2016 – REVISED MARCH 2019 www.ti.com Product Folder Links: INA302 INA303 Submit Documentation Feedback Copyright © 2016–2019, Texas Instruments Incorporated The latch and transparent modes are illustrated in Figure 47. As illustrated in this figure, at time t1, the current- sense amplifier exceeds the limit threshold. During this time the LATCH1 pin is toggled with no affect to the ALERT1 output. The state of the LATCH1 pin only matters when the output of the current-sense amplifier returns to the normal operating region, as shown at t2. At this time the LATCH1 pin is high and the overcurrent condition is latched on the ALERT1 output. As shown in the time interval between t2 and t3, the latch condition is cleared when the LATCHx pin is pulled low. At time t4, the LATCH1 pin is already pulled low when the amplifier output drops below the limit threshold for the second time. The device is set to transparent mode at this point and the ALERT1 pin is pulled back high as soon as the output of the current-sense amplifier drops below the alert threshold. Figure 47. Transparent versus Latch Mode |