Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PIC32MX330 Fiches technique(PDF) 78 Page - Microchip Technology

No de pièce PIC32MX330
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
PDF  360 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MICROCHIP [Microchip Technology]
Site Internet  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX330 Fiches technique(HTML) 78 Page - Microchip Technology

Back Button PIC32MX330 Datasheet HTML 74Page - Microchip Technology PIC32MX330 Datasheet HTML 75Page - Microchip Technology PIC32MX330 Datasheet HTML 76Page - Microchip Technology PIC32MX330 Datasheet HTML 77Page - Microchip Technology PIC32MX330 Datasheet HTML 78Page - Microchip Technology PIC32MX330 Datasheet HTML 79Page - Microchip Technology PIC32MX330 Datasheet HTML 80Page - Microchip Technology PIC32MX330 Datasheet HTML 81Page - Microchip Technology PIC32MX330 Datasheet HTML 82Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 360 page
background image
PIC32MX330/350/370/430/450/470
DS60001185D-page 78
 2012-2015 Microchip Technology Inc.
bit 2
UFRCEN: USB FRC Clock Enable bit(1)
1 = Enable FRC as the clock source for the USB clock source
0 = Use the Primary Oscillator or USB PLL as the USB clock source
bit 1
SOSCEN: Secondary Oscillator (SOSC) Enable bit
1 = Enable Secondary Oscillator
0 = Disable Secondary Oscillator
bit 0
OSWEN: Oscillator Switch Enable bit
1 = Initiate an oscillator switch to selection specified by NOSC<2:0> bits
0 = Oscillator switch is complete
REGISTER 8-1:
OSCCON: OSCILLATOR CONTROL REGISTER (CONTINUED)
Note 1:
This bit is available on PIC32MX4XX devices only.
Note:
Writes to this register require an unlock sequence. Refer to Section 6. “Oscillator” (DS60001112) in the
“PIC32 Family Reference Manual” for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More