| Moteur de recherche de fiches techniques de composants électroniques |
|
ADS7828EB Fiches technique(PDF) 16 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADS7828EB Fiches technique(HTML) 16 Page - Texas Instruments |
|
16 / 23 page ![]() PACKAGE OPTION ADDENDUM www.ti.com 23-May-2025 PACKAGING INFORMATION Orderable part number Status (1) Material type (2) Package | Pins Package qty | Carrier RoHS (3) Lead finish/ Ball material (4) MSL rating/ Peak reflow (5) Op temp (°C) Part marking (6) ADS7828E/250 Active Production TSSOP (PW) | 16 250 | SMALL T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828E/250.B Active Production TSSOP (PW) | 16 250 | SMALL T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828E/250G4 Active Production TSSOP (PW) | 16 250 | SMALL T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828E/2K5 Active Production TSSOP (PW) | 16 2500 | LARGE T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828E/2K5.B Active Production TSSOP (PW) | 16 2500 | LARGE T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828E/2K5G4 Active Production TSSOP (PW) | 16 2500 | LARGE T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828EB/250 Active Production TSSOP (PW) | 16 250 | SMALL T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828EB/250.B Active Production TSSOP (PW) | 16 250 | SMALL T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828EB/250G4 Active Production TSSOP (PW) | 16 250 | SMALL T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828EB/2K5 Active Production TSSOP (PW) | 16 2500 | LARGE T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E ADS7828EB/2K5.B Active Production TSSOP (PW) | 16 2500 | LARGE T&R Yes Call TI Level-1-260C-UNLIM -40 to 85 ADS 7828E (1) Status: For more details on status, see our product life cycle. (2) Material type: When designated, preproduction parts are prototypes/experimental devices, and are not yet approved or released for full production. Testing and final process, including without limitation quality assurance, reliability performance testing, and/or process qualification, may not yet be complete, and this item is subject to further changes or possible discontinuation. If available for ordering, purchases will be subject to an additional waiver at checkout, and are intended for early internal evaluation purposes only. These items are sold without warranties of any kind. (3) RoHS values: Yes, No, RoHS Exempt. See the TI RoHS Statement for additional information and value definition. (4) Lead finish/Ball material: Parts may have multiple material finish options. Finish options are separated by a vertical ruled line. Lead finish/Ball material values may wrap to two lines if the finish value exceeds the maximum column width. Addendum-Page 1 |