| Moteur de recherche de fiches techniques de composants électroniques |
|
ADC08B200CIVS/NOPB Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
ADC08B200CIVS/NOPB Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 42 page ![]() VRT VRM 256 1 SWITCHES CLOCK GEN COARSE/FINE COMPARATORS ENCODER & ERROR CORRECTION 17 CLK 17 COARSE/FINE COMPARATORS ENCODER & ERROR CORRECTION 17 VA GND VIN 8 8 MUX 8 PD VRB VIN GND VP MULT(1:0) PDADC RESET Q 8 DATA OUT VDR DR GND (pin 30) CAPTURE BUFFER MUX 8 8 FLAG LOGIC WRITE CONTROL WEN BSIZE(1:0) EF FF ASW WENSYNC VD REN RCLK READ CONTROL Read Pointer Write Pointer Sampling Clock D OUTPUT DRIVERS ADC08B200 1 2 3 4 5 6 7 8 9 10 11 12 D0 D1 D2 D3 VDR DRDY DR GND D4 D5 D6 D7 ASW 36 35 34 33 32 31 30 29 28 27 26 25 VA GND VRT VA GND VIN SIG GND GND VRM VRB GND VA ADC08B200 SNAS388F – MARCH 2007 – REVISED APRIL 2013 www.ti.com PIN CONFIGURATION Figure 1. TQFP Package See Package Number PFB0048A Block Diagram 2 Submit Documentation Feedback Copyright © 2007–2013, Texas Instruments Incorporated Product Folder Links: ADC08B200 |