| Moteur de recherche de fiches techniques de composants électroniques |
|
CRE6559 Fiches technique(PDF) 1 Page - CRE Semiconductor Inc. |
|
|
|||||||||||||||||||||||||||||
CRE6559 Fiches technique(HTML) 1 Page - CRE Semiconductor Inc. |
|
1 / 9 page ![]() CRE6559 FREQ SHUFFLING CRE6559 FREQ SHUFFLING CRE6559 is offered in DIP-8 package. CRE6559 combines a dedicated current mode PWM controller with a high voltage power MOSFET. It is optimized for high performance, low standby power, and cost effective off-line fiyback converter applications in sub 30W range CRE6559 offers complete protection coverage with . Fixed 65KHz Switching Frequency ACL ACN F1 D1 D2 D3 D4 R1 T1 V+ V- 1 2 3 4 5 6 7 8 U1 GND VDDG VDD FB DRAIN SENCE DRAIN DRAIN R2 GND D6 C3 GND R5 R4 C4 U2 R7 R8 R9 R10 C7 U3 R11 SGND R6 C5 C6 C1 C2 D5 D7 CRE6559 Develop 2015-01-5 |
Numéro de pièce similaire - CRE6559 |
|
Description similaire - CRE6559 |