Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MP602G Fiches technique(PDF) 1 Page - Multicomp Pro

No de pièce MP602G
Description  19Glass Passivated Bridge RectifierNewark.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MULTICOMP [Multicomp Pro]
Site Internet  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro

MP602G Fiches technique(HTML) 1 Page - Multicomp Pro

  MP602G Datasheet HTML 1Page - Multicomp Pro MP602G Datasheet HTML 2Page - Multicomp Pro  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.0
12/09/19
Glass Passivated
Bridge Rectifier
Newark.com/multicomp-pro
Farnell.com/multicomp-pro
Element14.com/multicomp-pro
Features
• Surge overload rating -150 amperes peak
• Low forward voltage drop
• Small size; simple installation
• Sliver plated copper leads
Mechanical Data
Mounting Position : Any
Reverse Voltage
: 50 to 600 Volts
Forward Current
: 6 Ampere
Maximum Ratings and Electrical Characteristics:
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%.
Characteristics
Symbol MP6005G
MP601G
MP602G
MP606G
Unit
Max. Recurrent Peak Reverse Voltage
Vrrm
50
100
200
600
V
Max. RMS Bridge Input Voltage
Vrms
35
70
140
420
V
Max. Average Forward
Rectified Output Current at
@Ta = 50°C
I(AV)
6
A
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load
Ifsm
150
A
Max. Forward Voltage Drop
Per Bridge Element at 3.0A Peak
Vf
1.1
V
Max. Reverse Current at Rated
@Tj = 25°C
DC Blocking Voltage Per Element
@Tj = 100°C
Ir
10
1
μA
mA
Operating Temperature Range
Tj
-55 to +150
°C
Storage Temperature Range
TsTg
°C
Ratings and Characteristic Curves
Page <1>
04/08/22 V1.1


Numéro de pièce similaire - MP602G

FabricantNo de pièceFiches techniqueDescription
logo
GOOD-ARK Electronics
MP602G GOOD-ARK-MP602G Datasheet
91Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results

Description similaire - MP602G

FabricantNo de pièceFiches techniqueDescription
logo
HY ELECTRONIC CORP.
DB101 HY-DB101_1 Datasheet
95Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
DF005 HY-DF005_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
RS101G HY-RS101G_1 Datasheet
93Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Comchip Technology
GBPC15005W-G COMCHIP-GBPC15005W-G Datasheet
91Kb / 3P
Glass Passivated Bridge Rectifiers
logo
Gaomi Xinghe Electronic...
GBU10005 GXELECTRONICS-GBU10005 Datasheet
589Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Yea Shin Technology Co....
2W005G YEASHIN-2W005G Datasheet
356Kb / 2P
Glass Passivated Bridge Rectifiers
logo
Shanghai Shunye Electro...
GBJ205 SHUNYE-GBJ205 Datasheet
127Kb / 2P
GLASS PASSIVATED BRIDGE
logo
New Jersey Semi-Conduct...
KBL400G NJSEMI-KBL400G Datasheet
152Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Bytesonic Electronics C...
MB30A BYTESONIC-MB30A Datasheet
298Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
Version 1.0 2018/5/7
logo
HY ELECTRONIC CORP.
GBU35005 HY-GBU35005_V01 Datasheet
431Kb / 3P
Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com