Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IP5328 Fiches technique(PDF) 10 Page - Injoinic Technology Co.,Ltd.

No de pièce IP5328
Description  Fully-Integrated Bi-directional PD3.0 and Fast Charge Power Bank SOC with Multiple Input and Output Ports
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  INJOINIC [Injoinic Technology Co.,Ltd.]
Site Internet  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP5328 Fiches technique(HTML) 10 Page - Injoinic Technology Co.,Ltd.

Back Button IP5328 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 8Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 9Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 10Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 11Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 12Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 13Page - Injoinic Technology Co.,Ltd. IP5328 Datasheet HTML 14Page - Injoinic Technology Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
IP5328P
V1.2
Email: service@injoinic.com
10 / 28
Copyright © 2015, Injoinic Corp.
Rd
Ip_3P0
CC1/CC2
VREF1
VREF2
VREF3
VREG
Pull-up and pull-down ability:
Name
Value
Ip_3P0
330uA
Rd
5.1K
Comparator Threshold of pull-up Ip:
Comparator Threshold of Pull-down Resistor Rd:
USB C detects cycle:



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28