| Moteur de recherche de fiches techniques de composants électroniques |
|
2SD106AI Fiches technique(PDF) 10 Page - Power Integrations, Inc. |
|
|
|||||||||||||||||||||||||||||
2SD106AI Fiches technique(HTML) 10 Page - Power Integrations, Inc. |
|
10 / 12 page ![]() SCALE Driver 2SD106AI Data Sheet Page 10 INTELLIGENT POWER ELECTRONICS The value in the “VCE(off)” column corresponds to the collector-emitter voltage value at which the protection function is activated when the external circuit is used as shown in Fig. 4 with one or two Dm diodes of type 1N4007 connected in series. +Vdc 0V Vth Response time Detail view Detail 0V Vce Vth1 Vce Vth2 Fig. 5 Collector-sense voltage curve |