Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PSP147 Fiches technique(PDF) 2 Page - Pentair plc. All rights reserved.

No de pièce PSP147
Description  PROLINE Intern al Componen ts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PENTAIR [Pentair plc. All rights reserved.]
Site Internet  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PSP147 Fiches technique(HTML) 2 Page - Pentair plc. All rights reserved.

  PSP147 Datasheet HTML 1Page - Pentair plc. All rights reserved. PSP147 Datasheet HTML 2Page - Pentair plc. All rights reserved. PSP147 Datasheet HTML 3Page - Pentair plc. All rights reserved. PSP147 Datasheet HTML 4Page - Pentair plc. All rights reserved. PSP147 Datasheet HTML 5Page - Pentair plc. All rights reserved. PSP147 Datasheet HTML 6Page - Pentair plc. All rights reserved. PSP147 Datasheet HTML 7Page - Pentair plc. All rights reserved. PSP147 Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM
Spec-00431 H
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
mOduLaR ENCLOsuRE systEms
2
JOININg subPaNEL
Provides a continuous panel surface
in multiple bay enclosures. The
joining subpanel is inserted between
full subpanels of equal height. It
can be installed from front or rear.
Holes for grounding and mounting
hardware are provided. Finish is
white. Conductive joining subpanels
are unpainted galvanized steel.
Bulletin: p20
Catalog Number
Material
H (mm)
H (in.)
P (mm)
P (in.)
Fits between full subpanels
PJP7G
Conductive
585
23.03
548
21.57
PPF76, PPF78, PPF712
PJP14
Steel
1285
50.59
1248
49.13
PPF146, PPF148, PPF1412
PJP14G
Conductive
1285
50.59
1248
49.13
PPF146, PPF148, PPF1412
PJP16
Steel
1485
58.46
1448
57.00
PPF166, PPF167, PPF168, PPF1612
PJP16G
Conductive
1485
58.46
1448
57.00
PPF166, PPF167, PPF168, PPF1612
PJP18
Steel
1685
66.34
1648
64.87
PPF186, PPF187, PPF188, PPF1810, PPF1812, PPF1816
PJP18G
Conductive
1685
66.34
1648
64.87
PPF186, PPF187, PPF188, PPF1810, PPF1812, PPF1816
PJP20
Steel
1885
74.21
1848
72.75
PPF206, PPF207, PPF208, PPF2010, PPF2012, PPF2016
PJP20G
Conductive
1885
74.21
1848
72.75
PPF206, PPF207, PPF208, PPF2010, PPF2012, PPF2016
PJP22
Steel
2085
82.09
2048
80.62
PPF226, PPF227, PPF228, PPF2210, PPF2212, PPF2216
PJP22G
Conductive
2085
82.09
2048
80.62
PPF226, PPF227, PPF228, PPF2210, PPF2212, PPF2216
Consult Hoffman for delivery



Html Pages

1 2 3 4 5 6 7 8