| Moteur de recherche de fiches techniques de composants électroniques |
|
PSP166 Fiches technique(PDF) 8 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
PSP166 Fiches technique(HTML) 8 Page - Pentair plc. All rights reserved. |
|
8 / 8 page ![]() PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM Spec-00431 H PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com EQUIPMENT PROTECTION mOduLaR ENCLOsuRE systEms 8 gRId stRaPs Grid Straps are 14 gauge plated steel. They are provided with specially designed rectangular holes to allow the use of cage nuts or front-loading cage nuts. Mounting holes are provided on 25-mm centers. Grid Straps are available with either 1 row or 3 rows of holes and are furnished in pairs. Mounting hardware to attach Grid Straps to the frame or to other Grid Straps is included. • Can be mounted front-to-back horizontally across the bottom or sides of the PROLINE frame • Can be mounted left-to-right horizontally between front-to-back pairs or from the sides of the PROLINE frame • Can be mounted vertically between horizontally mounted Grid Straps Bulletin: DpY, p20 Catalog Number Hole Pattern L (mm) L (in.) Fits Frame Depth Fits Frame Width PGH1S5 One Row 342 13.46 500 — PGH1S6 One Row 442 17.40 600 — PGH1S7 One Row 542 21.34 700 600 PGH1S8 One Row 642 25.28 800 700 PGH1S9 One Row 742 29.21 900 800 PGH1S10 One Row 842 33.15 1000 900 PGH1S11 One Row 942 37.08 — 1000 PGH1S13 One Row 1142 44.96 — 1200 PGH1S17 One Row 1542 60.71 — 1600 PGH3S4 Three Row 242 9.53 400 — PGH3S5 Three Row 342 13.46 500 — PGH3S6 Three Row 442 17.40 600 — PGH3S7 Three Row 542 21.34 700 600 PGH3S8 Three Row 642 25.28 800 700 PGH3S9 Three Row 742 29.21 900 800 PGH3S10 Three Row 842 33.15 1000 300 PGH3S11 Three Row 942 37.08 1100 1000 PGH3S12 Three Row 1242 48.89 1200 — PGH3S13 Three Row 1142 44.96 — 1200 PGH3S17 Three Row 1542 60.71 — 1600 |