| Moteur de recherche de fiches techniques de composants électroniques |
|
UTFD19B Fiches technique(PDF) 1 Page - SOURIAU-SUNBANK Connection Technologies |
|
|
|||||||||||||||||||||||||||||
UTFD19B Fiches technique(HTML) 1 Page - SOURIAU-SUNBANK Connection Technologies |
|
1 / 14 page ![]() ConnectionTechnologies Flammability rating UL94-V0 compliant Rapid and secure locking Locks with audible positive «click» Intermateable and interchangeable With UTO, UTP and UTS series Complete range of contacts Trim Trio contacts #16 UTG Series The plastic circular connector with metal locking UTG provides the complete answer to the need for economical lightweight and robust metal coupling |
Numéro de pièce similaire - UTFD19B |
|
Description similaire - UTFD19B |