Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPF2016G Fiches technique(PDF) 4 Page - Pentair plc. All rights reserved.

No de pièce PPF2016G
Description  PROLINE Intern al Componen ts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PENTAIR [Pentair plc. All rights reserved.]
Site Internet  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PPF2016G Fiches technique(HTML) 4 Page - Pentair plc. All rights reserved.

  PPF2016G Datasheet HTML 1Page - Pentair plc. All rights reserved. PPF2016G Datasheet HTML 2Page - Pentair plc. All rights reserved. PPF2016G Datasheet HTML 3Page - Pentair plc. All rights reserved. PPF2016G Datasheet HTML 4Page - Pentair plc. All rights reserved. PPF2016G Datasheet HTML 5Page - Pentair plc. All rights reserved. PPF2016G Datasheet HTML 6Page - Pentair plc. All rights reserved. PPF2016G Datasheet HTML 7Page - Pentair plc. All rights reserved. PPF2016G Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM
Spec-00431 H
PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com
EQUIPMENT PROTECTION
mOduLaR ENCLOsuRE systEms
4
sIdE-mOuNt subPaNEL
Side-mounted panels can be
installed on the interior sides
of frames. The panel and all the
hardware needed to attach the
subpanels to a frame are included.
Hardware is plated. Panels are
12 gauge steel with a white finish.
Conductive panels are unpainted
galvanized steel.
Bulletin: p20
Catalog Number
Material
H (mm)
H (in.)
W (mm)
W (in.)
PPFSM76
Steel
608
23.94
447
17.60
PPFSM76G
Conductive
608
23.94
447
17.60
PPFSM145
Steel
1308
51.50
347
13.66
PPFSM145G
Conductive
1308
51.50
347
13.66
PPFSM146
Steel
1308
51.50
447
17.60
PPFSM148
Steel
1308
51.50
647
25.47
PPFSM148G
Conductive
1308
51.50
647
25.47
PPFSM164G
Conductive
1508
59.37
247
9.72
PPFSM165G
Conductive
1508
59.37
347
13.66
PPFSM166
Steel
1508
59.37
447
17.60
PPFSM166G
Conductive
1508
59.37
447
17.60
PPFSM168
Steel
1508
59.37
647
25.47
PPFSM168G
Conductive
1508
59.37
647
25.47
PPFSM169
Steel
1508
59.37
747
29.41
PPFSM169G
Conductive
1508
59.37
747
29.41
PPFSM184
Steel
1708
67.24
247
9.72
PPFSM185
Steel
1708
67.24
347
13.66
PPFSM185G
Conductive
1708
67.24
347
13.66
PPFSM186
Steel
1708
67.24
447
17.60
PPFSM186G
Conductive
1708
67.24
447
17.60
PPFSM188
Steel
1708
67.24
647
25.47
PPFSM188G
Conductive
1708
67.24
647
25.47
PPFSM189
Steel
1708
67.24
747
29.41
PPFSM189G
Conductive
1708
67.24
747
29.41
PPFSM204
Steel
1908
75.12
247
9.72
PPFSM204G
Conductive
1908
75.12
247
9.72
PPFSM205
Steel
1908
75.12
347
13.66
PPFSM205G
Conductive
1908
75.12
347
13.66
PPFSM206
Steel
1908
75.12
447
17.60
PPFSM206G
Conductive
1908
75.12
447
17.60
PPFSM208
Steel
1908
75.12
647
25.47
PPFSM208G
Conductive
1908
75.12
647
25.47
PPFSM209
Steel
1908
75.12
747
29.41
PPFSM209G
Conductive
1908
75.12
747
29.41
PPFSM225
Steel
2108
82.99
347
13.66
PPFSM225G
Conductive
2108
82.99
347
13.66
PPFSM226
Steel
2108
82.99
447
17.60
PPFSM226G
Conductive
2108
82.99
447
17.60
PPFSM228
Steel
2108
82.99
647
25.47
PPFSM228G
Conductive
2108
82.99
647
25.47
PPFSM229
Steel
2108
82.99
747
29.41
PPFSM229G
Conductive
2108
82.99
747
29.41



Html Pages

1 2 3 4 5 6 7 8