Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PPF2016 Fiches technique(PDF) 5 Page - Pentair plc. All rights reserved.

No de pièce PPF2016
Description  PROLINE Intern al Componen ts
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  PENTAIR [Pentair plc. All rights reserved.]
Site Internet  https://www.pentair.com/
Logo PENTAIR - Pentair plc. All rights reserved.

PPF2016 Fiches technique(HTML) 5 Page - Pentair plc. All rights reserved.

  PPF2016 Datasheet HTML 1Page - Pentair plc. All rights reserved. PPF2016 Datasheet HTML 2Page - Pentair plc. All rights reserved. PPF2016 Datasheet HTML 3Page - Pentair plc. All rights reserved. PPF2016 Datasheet HTML 4Page - Pentair plc. All rights reserved. PPF2016 Datasheet HTML 5Page - Pentair plc. All rights reserved. PPF2016 Datasheet HTML 6Page - Pentair plc. All rights reserved. PPF2016 Datasheet HTML 7Page - Pentair plc. All rights reserved. PPF2016 Datasheet HTML 8Page - Pentair plc. All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
PROLINE INtERNaL COmPONENts Panel and Grid MountinG SySteM
Spec-00431 H
EQUIPMENT PROTECTION
SUBJECT TO CHANGE WITHOUT NOTICE
mOduLaR ENCLOsuRE systEms
5
PaNEL suPPORt bRaCE
Panel Support Braces give
additional support to single- and
double-bay panels in heavy loading
applications and minimize the
vibration created by components
mounted on the panel. Braces can
be installed on existing systems
without removing the panel. Panel
support braces are furnished
in pairs. Braces are unpainted
galvanized steel.
Bulletin: p20
Catalog Number
L (mm)
L (in.)
Fits Panel Width (mm)
PSB10
911
35.87
1000
PSB12
1111
43.74
1200
PSB16
1511
59.49
1600
PSB18
1711
67.36
1800
swINg-Out PaNEL
Swing-Out Panels allow a front-mounted panel to pivot out of an
enclosure frame opening. This accessory includes a white panel
and all the necessary hardware.
•
Swing-Out Panels are available for 600-, 700- and 800-mm wide
enclosures
•
Panels provide 170 degrees of rotation, with capability to hinge
from the right or left side
•
Spring-loaded pivot post allows for easy installation
•
Supports have a white finish. Hinge blocks are anodized black.
•
Quarter-turn latches are provided to secure the Swing-Out Panel
in the closed position
Bulletin: p20
Catalog Number
H (mm)
H (in.)
W (mm)
W (in.)
Fits Frame
Fits Frame Width
PSP76
538
21.18
515
20.28
700 or taller
600
PSP146
1238
48.74
515
20.28
1400 or taller
600
PSP166
1438
56.61
515
20.28
1600 or taller
600
PSP186
1638
64.49
515
20.28
1800 or taller
600
PSP206
1838
72.36
515
20.28
2000 or taller
600
PSP226
2038
80.24
515
20.28
2200 tall
600
PSP77
538
21.18
615
24.21
700 or taller
700
PSP147
1238
48.74
615
24.21
1400 or taller
700
PSP207
1838
72.36
615
24.21
2000 or taller
700
PSP78
538
21.18
715
28.15
700 or taller
800
PSP148
1238
48.74
715
28.15
1400 or taller
800
PSP168
1438
56.61
715
28.15
1600 or taller
800
PSP188
1638
64.49
715
28.15
1800 or taller
800
PSP208
1838
72.36
715
28.15
2000 or taller
800
PSP228
2038
80.24
715
28.15
2200 tall
800



Html Pages

1 2 3 4 5 6 7 8


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com