| Moteur de recherche de fiches techniques de composants électroniques |
|
ASE4X4X4 Fiches technique(PDF) 2 Page - Pentair plc. All rights reserved. |
|
|
|||||||||||||||||||||||||||||
ASE4X4X4 Fiches technique(HTML) 2 Page - Pentair plc. All rights reserved. |
|
2 / 8 page ![]() Type 1 Boxes and enclosures Screw-cover Type 1 pull BoxeS and acceSSorieS Spec-00258 I PH 763.422.2211 • • FAX 763.422.2600 • • PentAirProtect.com EQUIPMENT PROTECTION conTracTor 2 Catalog Number AxBxC in. AxBxC mm Style Number of Cover Screws Knockout Pattern Along “A” Sides Knockout Pattern Along “B” Sides ASE6X6X6 6.00 x 6.00 x 6.00 152 x 152 x 152 Painted 2 B-C-D B-C-D ASG6X6X6 6.00 x 6.00 x 6.00 152 x 152 x 152 Galvanized 2 B-C-D B-C-D ASE8X6X6 8.00 x 6.00 x 6.00 203 x 152 x 152 Painted 4 F-G-H-I B-C-D ASE8X8X6 8.00 x 8.00 x 6.00 203 x 203 x 152 Painted 4 F-G-H-I F-G-H-I ASG8X8X6 8.00 x 8.00 x 6.00 203 x 203 x 152 Galvanized 4 F-G-H-I F-G-H-I ASE10X8X6 10.00 x 8.00 x 6.00 254 x 203 x 152 Painted 4 F-G-H-I F-G-H-I ASG10X8X6 10.00 x 8.00 x 6.00 254 x 203 x 152 Galvanized 4 F-G-H-I F-G-H-I ASE10X10X6 10.00 x 10.00 x 6.00 254 x 254 x 152 Painted 4 F-G-H-I C-D-E-F-G ASG10X10X6 10.00 x 10.00 x 6.00 254 x 254 x 152 Galvanized 4 F-G-H-I C-D-E-F-G ASE12X10X6 12.00 x 10.00 x 6.00 305 x 254 x 152 Painted 4 C-D-E-F-G C-D-E-F-G ASG12X10X6 12.00 x 10.00 x 6.00 305 x 254 x 152 Galvanized 4 C-D-E-F-G C-D-E-F-G ASE12X12X6 12.00 x 12.00 x 6.00 305 x 305 x 152 Painted 4 C-D-E-F-G C-D-E-F-G ASG12X12X6 12.00 x 12.00 x 6.00 305 x 305 x 152 Galvanized 4 C-D-E-F-G C-D-E-F-G ASE16X12X6 16.00 x 12.00 x 6.00 406 x 305 x 152 Painted 4 B-C-D-E-F-G-H C-D-E-F-G ASG16X12X6 16.00 x 12.00 x 6.00 406 x 305 x 152 Galvanized 4 B-C-D-E-F-G-H C-D-E-F-G ASE16X16X6 16.00 x 16.00 x 6.00 406 x 406 x 152 Painted 4 B-C-D-E-F-G-H B-C-D-E-F-G-H ASG16X16X6 16.00 x 15.00 x 6.00 406 x 381 x 152 Galvanized 4 B-C-D-E-F-G-H B-C-D-E-F-G-H ASE18X12X6 18.00 x 12.00 x 6.00 457 x 305 x 152 Painted 4 A-B-C-D-E-F-G-H-I C-D-E-F-G ASG18X12X6 18.00 x 12.00 x 6.00 457 x 305 x 152 Galvanized 4 A-B-C-D-E-F-G-H-I C-D-E-F-G ASE18X18X6 18.00 x 18.00 x 6.00 457 x 457 x 152 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASG18X18X6 18.00 x 18.00 x 6.00 457 x 457 x 152 Galvanized 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE24X18X6 24.00 x 18.00 x 6.00 610 x 457 x 152 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASG24X18X6 24.00 x 18.00 x 6.00 610 x 457 x 152 Galvanized 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE24X24X6 24.00 x 24.00 x 6.00 610 x 610 x 152 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASG24X24X6 24.00 x 24.00 x 6.00 610 x 610 x 152 Galvanized 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE30X24X6 30.00 x 24.00 x 6.00 762 x 610 x 152 Painted 6 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASG30X24X6 30.00 x 24.00 x 6.00 762 x 610 x 152 Galvanized 6 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE36X24X6 36.00 x 24.00 x 6.00 914 x 610 x 152 Painted 6 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE8X8X8 8.00 x 8.00 x 8.00 203 x 203 x 203 Painted 4 F-G-H-I F-G-H-I ASE12X12X8 12.00 x 12.00 x 8.00 305 x 305 x 203 Painted 4 C-D-E-F-G C-D-E-F-G ASG12X12X8 12.00 x 12.00 x 8.00 305 x 305 x 203 Galvanized 4 C-D-E-F-G C-D-E-F-G ASE16X12X8 16.00 x 12.00 x 8.00 406 x 305 x 203 Painted 4 B-C-D-E-F-G-H C-D-E-F-G ASE18X12X8 18.00 x 12.00 x 8.00 457 x 305 x 203 Painted 4 A-B-C-D-E-F-G-H-I C-D-E-F-G ASE24X12X8 24.00 x 12.00 x 8.00 610 x 305 x 203 Painted 4 A-B-C-D-E-F-G-H-I C-D-E-F-G ASE24X18X8 24.00 x 18.00 x 8.00 610 x 457 x 203 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE24X24X8 24.00 x 24.00 x 8.00 610 x 610 x 203 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE36X24X8 36.00 x 24.00 x 8.00 914 x 610 x 203 Painted 6 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE18X12X10 18.00 x 12.00 x 10.00 457 x 305 x 254 Painted 4 A-B-C-D-E-F-G-H-I C-D-E-F-G ASE18X18X10 18.00 x 18.00 x 10.00 457 x 457 x 254 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE24X18X10 24.00 x 18.00 x 10.00 610 x 457 x 254 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE24X24X10 24.00 x 24.00 x 10.00 610 x 610 x 254 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE36X24X10 36.00 x 24.00 x 10.00 914 x 610 x 254 Painted 6 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE24X12X12 24.00 x 12.00 x 12.00 610 x 305 x 305 Painted 4 A-B-C-D-E-F-G-H-I C-D-E-F-G ASE18X18X12 18.00 x 18.00 x 12.00 457 x 457 x 305 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE24X18X12 24.00 x 18.00 x 12.00 610 x 457 x 305 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE24X24X12 24.00 x 24.00 x 12.00 610 x 610 x 305 Painted 4 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE30X24X12 30.00 x 24.00 x 12.00 762 x 610 x 305 Painted 6 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I ASE36X24X12 36.00 x 24.00 x 12.00 914 x 610 x 305 Painted 6 A-B-C-D-E-F-G-H-I A-B-C-D-E-F-G-H-I Standard Product screw-cover Type 1 pull Boxes without Knockouts Catalog Number AxBxC in. AxBxC mm Style Number of Cover Screws ASE4X4X3NK 4.00 x 4.00 x 3.00 102 x 102 x 76 Painted 2 ASG4X4X3NK 4.00 x 4.00 x 3.00 102 x 102 x 76 Galvanized 2 ASE6X6X3NK 6.00 x 6.00 x 3.00 152 x 152 x 76 Painted 2 ASG6X6X3NK 6.00 x 6.00 x 3.00 152 x 152 x 76 Galvanized 2 ASE8X6X3NK 8.00 x 6.00 x 3.00 203 x 152 x 76 Painted 2 ASG8X6X3NK 8.00 x 6.00 x 3.00 203 x 152 x 76 Galvanized 2 ASE16X14X3NK 16.00 x 14.00 x 3.00 406 x 356 x 76 Painted 4 ASE20X14X3NK 20.00 x 14.00 x 3.00 508 x 356 x 76 Painted 4 ASE4X4X4NK 4.00 x 4.00 x 4.00 102 x 102 x 102 Painted 2 ASG4X4X4NK 4.00 x 4.00 x 4.00 102 x 102 x 102 Galvanized 2 ASE6X4X4NK 6.00 x 4.00 x 4.00 152 x 102 x 102 Painted 2 ASG6X4X4NK 6.00 x 4.00 x 4.00 152 x 102 x 102 Galvanized 2 ASE6X6X4NK 6.00 x 6.00 x 4.00 152 x 152 x 102 Painted 2 ASG6X6X4NK 6.00 x 6.00 x 4.00 152 x 152 x 102 Galvanized 2 ASE8X6X4NK 8.00 x 6.00 x 4.00 203 x 152 x 102 Painted 2 ASG8X6X4NK 8.00 x 6.00 x 4.00 203 x 152 x 102 Galvanized 2 ASE8X8X4NK 8.00 x 8.00 x 4.00 203 x 203 x 102 Painted 4 ASG8X8X4NK 8.00 x 8.00 x 4.00 203 x 203 x 102 Galvanized 4 ASE10X6X4NK 10.00 x 6.00 x 4.00 254 x 152 x 102 Painted 4 ASG10X6X4NK 10.00 x 6.00 x 4.00 254 x 152 x 102 Galvanized 4 ASE10X8X4NK 10.00 x 8.00 x 4.00 254 x 203 x 102 Painted 4 ASG10X8X4NK 10.00 x 8.00 x 4.00 254 x 203 x 102 Galvanized 4 ASE10X10X4NK 10.00 x 10.00 x 4.00 254 x 254 x 102 Painted 4 ASG10X10X4NK 10.00 x 10.00 x 4.00 254 x 254 x 102 Galvanized 4 ASE12X6X4NK 12.00 x 6.00 x 4.00 305 x 152 x 102 Painted 4 ASG12X6X4NK 12.00 x 6.00 x 4.00 305 x 152 x 102 Galvanized 4 |