| Moteur de recherche de fiches techniques de composants électroniques |
|
T0931003003 Fiches technique(PDF) 49 Page - TE Connectivity Ltd |
|
|
|||||||||||||||||||||||||||||
T0931003003 Fiches technique(HTML) 49 Page - TE Connectivity Ltd |
|
49 / 70 page ![]() INDUSTRIAL /// HEAVY DUTY CONNECTORS 49 H24B metal Hoods Product Image Metr. PG Type PN H24B metal Housings Product Image Metr. PG Type PN Hoods: Side Entry PG16 H24B-TS-PG16 T1210240116-000 Bulkhead Mounted - - H24B-AG T1410242000-000 M20 H24B-TS-M20 T1210240120-000 - - H24B-AGS T1410241000-000 PG21 H24B-TS-PG21 T1210240121-000 Surface Mounted- Side Entry PG21 H24B-SGRS-PG21 T1440241121-000 M25 H24B-TS-M25 T1210240125-000 M25 H24B-SGRS-M25 T1440241125-000 M32 H24B-TS-M32 T1210240132-000 PG21 H24B-SGR-PG21 T1440242121-000 PG21 H24B-TSH-PG21 T1230240121-000 M25 H24B-SGR-M25 T1440242125-000 M25 H24B-TSH-M25 T1230240125-000 PG21 H24B-SGRHS-PG21 T1470241121-000 PG29 H24B-TSH-PG29 T1230240129-000 PG29 H24B-SGRHS-PG29 T1470241129-000 M32 H24B-TSH-M32 T1230240132-000 M32 H24B-SGRHS-M32 T1470241132-000 M40 H24B-TSH-M40 T1230240140-000 PG21 H24B-SGRH-PG21 T1470242121-000 M25 H24B-SGRH-M25 T1470242125-000 Hoods: Top Entry PG16 H24B-TG-PG16 T1220240116-000 PG29 H24B-SGRH-PG29 T1470242129-000 PG21 H24B-TG-PG21 T1220240121-000 M32 H24B-SGRH-M32 T1470242132-000 M25 H24B-TG-M25 T1220240125-000 Side Entry Housings with Two Levers PG21 H24B-TSB-PG21 T1250242121-000 PG29 H24B-TG-PG29 T1220240129-000 M25 H24B-TSB-M25 T1250242125-000 M32 H24B-TG-M32 T1220240132-000 M32 H24B-TSB-M32 T1250242132-000 M40 H24B-TG-M40 T1220240140-000 PG16 H24B-TSBH-PG16 T12X0240116-000 PG21 H24B-TGH-PG21 T1240240121-000 PG21 H24B-TSBH-PG21 T1270242121-000 M25 H24B-TGH-M25 T1240240125-000 PG29 H24B-TSBH-PG29 T1270242129-000 PG29 H24B-TGH-PG29 T1240240129-000 M32 H24B-TSBH-M32 T1270242132-000 M32 H24B-TGH-M32 T1240240132-000 M40 H24B-TSBH-M40 T1270242140-000 M36 H24B-TGH-M36 T1240240136-000 PG21 H24B-TSBS-PG21 T1250243121-000 M40 H24B-TGH-M40 T1240240140-000 M25 H24B-TSBS-M25 T1250243125-000 Cable-to- Cable Hoods PG21 H24B-TBFS-PG21 T1710241121-000 M32 H24B-TSBS-M32 T1250243132-000 M25 H24B-TBFS-M25 T1710241125-000 M25 H24B-TSBHS-M25 T1270243125-000 M32 H24B-TBFS-M32 T1710241132-000 PG21 H24B-TSBHS-PG21 T1270243121-000 PG21 H24B-TBF-PG21 T1710242121-000 PG29 H24B-TSBHS-PG29 T1270243129-000 M25 H24B-TBF-M25 T1710242125-000 M32 H24B-TSBHS-M32 T1270243132-000 PG29 H24B-TBF-PG29 T1710242129-000 M40 H24B-TSBHS-M40 T1270243140-000 M32 H24B-TBF-M32 T1710242132-000 Top Entry Housings with Two Levers PG21 H24B-TGB-PG21 T1260242121-000 PG21 H24B-TBFHS-PG21 T1750241121-000 M25 H24B-TGB-M25 T1260242125-000 M25 H24B-TBFHS-M25 T1750241125-000 PG29 H24B-TGB-PG29 T1260242129-000 PG29 H24B-TBFHS-PG29 T1750241129-000 M32 H24B-TGB-M32 T1260242132-000 M32 H24B-TBFHS-M32 T1750241132-000 PG21 H24B-TGBH-PG21 T1280242121-000 PG21 H24B-TBFH-PG21 T1750242121-000 M25 H24B-TGBH-M25 T1280242125-000 M25 H24B-TBFH-M25 T1750242125-000 PG29 H24B-TGBH-PG29 T1280242129-000 PG29 H24B-TBFH-PG29 T1750242129-000 M32 H24B-TGBH-M32 T1280242132-000 M32 H24B-TBFH-M32 T1750242132-000 M40 H24B-TGBH-M40 T1280242140-000 M40 H24B-TBFH-M40 T1750242140-000 PG21 H24B-TGBS-PG21 T1260243121-000 Hoods: Side Entry PG21 H24B-TS-RO-PG21 T1310240121-000 Bulkhead Mounted - H24B-AG-LB T1500243000-000 M25 H24B-TS-RO-M25 T1310240125-000 H24B-AD-LB T1510243000-000 M32 H24B-TS-RO-M32 T1310240132-000 H24B-ADM-LB T1510243100-000 PG21 H24B-TSH-RO-PG21 T1330240121-000 Surface Mounted- Side Entry PG21 H24B-SGR-LB-PG21 T1610243121-000 M25 H24B-TSH-RO-M25 T1330240125-000 M25 H24B-SGR-LB-M25 T1610243125-000 PG29 H24B-TSH-RO-PG29 T1330240129-000 PG21 H24B-SGRH-LB-PG21 T1650243121-000 M32 H24B-TSH-RO-M32 T1330240132-000 PG29 H24B-SGRH-LB-PG29 T1650243129-000 M40 H24B-TSH-RO-M40 T1330240140-000 M32 H24B-SGRH-LB-M32 T1650243132-000 H24B Metal Hoods and Housings TE Connectivity‘s Heavy Duty Connectors Hoods and Housings IP65 |