| Moteur de recherche de fiches techniques de composants électroniques |
|
CYT2B93BAS Fiches technique(PDF) 21 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
CYT2B93BAS Fiches technique(HTML) 21 Page - Infineon Technologies AG |
|
21 / 165 page ![]() Datasheet 21 002-22825 Rev. *J 2022-09-08 TRAVEO™ T2G 32-bit Automotive MCU Based on Arm® Cortex®-M4F single Peripheral I/O map SMARTIO Programmable I/O configuration 0x4032 0000 3 2 SMART I/O port configuration 0x4032 0C00 5 0x100 TCPWM Timer/Counter/PWM 0 (TCPWM0) 0x4038 0000 3 3 TCPWM0 Group #0 (16-bit) 0x4038 0000 63 0x80 TCPWM0 Group #1 (16-bit, Motor control) 0x4038 8000 12 0x80 TCPWM0 Group #2 (32-bit) 0x4039 0000 4 0x80 EVTGEN Event generator 0 (EVTGEN0) 0x403F 0000 3 4 Event generator 0 comparator structures 0x403F 0800 11 0x20 LIN Local Interconnect Network 0 (LIN0) 0x4050 0000 5 0 LIN0 Channels 0x4050 8000 12 0x100 CXPI Clock Extension Peripheral Interface 0 (CXPI0) 0x4051 0000 5 1 CXPI0 Channels 0x4051 8000 4 0x100 TTCANFD CAN0 controller 0x4052 0000 4 0x200 5 2 Message RAM CAN0 0x4053 0000 0x7FFF CAN1 controller 0x4054 0000 4 0x200 5 3 Message RAM CAN1 0x4055 0000 0x7FFF SCB Serial Communications Block (SPI/UART/I2C) 0x4060 0000 8 0x10000 6 0-7 SAR PASS Programmable Analog Subsystem (PASS0) 0x4090 0000 9 0 SAR0 channel controller 0x4090 0000 SAR1 channel controller 0x4090 1000 SAR2 channel controller 0x4090 2000 SAR0 channel structures 0x4090 0800 24 0x40 SAR1 channel structures 0x4090 1800 32 0x40 SAR2 channel structures 0x4090 2800 8 0x40 Table 6-1 CYT2B9 Peripheral I/O Map (continued) Section Description Base Address Instances Instance Size Group Slave |