Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74LS74AD Fiches technique(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74LS74AD
Description  DUAL D-TYPE POSITIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

SN74LS74AD Fiches technique(HTML) 12 Page - Texas Instruments

Back Button SN74LS74AD Datasheet HTML 8Page - Texas Instruments SN74LS74AD Datasheet HTML 9Page - Texas Instruments SN74LS74AD Datasheet HTML 10Page - Texas Instruments SN74LS74AD Datasheet HTML 11Page - Texas Instruments SN74LS74AD Datasheet HTML 12Page - Texas Instruments SN74LS74AD Datasheet HTML 13Page - Texas Instruments SN74LS74AD Datasheet HTML 14Page - Texas Instruments SN74LS74AD Datasheet HTML 15Page - Texas Instruments SN74LS74AD Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
TAPE AND REEL INFORMATION
*All dimensions are nominal
Device
Package
Type
Package
Drawing
Pins
SPQ
Reel
Diameter
(mm)
Reel
Width
W1 (mm)
A0
(mm)
B0
(mm)
K0
(mm)
P1
(mm)
W
(mm)
Pin1
Quadrant
SN74LS74ADBR
SSOP
DB
14
2000
330.0
16.4
8.35
6.6
2.4
12.0
16.0
Q1
SN74LS74ADR
SOIC
D
14
2500
330.0
16.4
6.5
9.0
2.1
8.0
16.0
Q1
SN74LS74ANSR
SO
NS
14
2000
330.0
16.4
8.2
10.5
2.5
12.0
16.0
Q1
PACKAGE MATERIALS INFORMATION
www.ti.com
24-Apr-2022
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25