| Moteur de recherche de fiches techniques de composants électroniques |
|
SN74LS14 Fiches technique(PDF) 1 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
SN74LS14 Fiches technique(HTML) 1 Page - Texas Instruments |
|
1 / 34 page ![]() Y A Copyright © 2016, Texas Instruments Incorporated Product Folder Sample & Buy Technical Documents Tools & Software Support & Community An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications, intellectual property matters and other important disclaimers. PRODUCTION DATA. SN5414, SN54LS14, SN7414, SN74LS14 SDLS049C – DECEMBER 1983 – REVISED NOVEMBER 2016 SNx414 and SNx4LS14 Hex Schmitt-Trigger Inverters 1 1 Features 1 • Operation From Very Slow Edges • Improved Line-Receiving Characteristics • High Noise Immunity 2 Applications • HVAC Gateways • Residential Ductless Air Conditioning Outdoor Units • Robotic Controls • Industrial Stepper Motors • Power Meter and Power Analyzers • Digital Input Modules for Factory Automation 3 Description Each circuit in SNx414 and SNx4LS14 functions as an inverter. However, because of the Schmitt-Trigger action, they have different input threshold levels for positive-going (VT+) and negative-going (VT–) signals. These circuits are temperature compensated and can be triggered from the slowest of input ramps and still give clean, jitter-free output signals. Device Information(1) PART NUMBER PACKAGE BODY SIZE (NOM) SN7414, SN74LS14 SOIC (14) 4.90 mm × 3.91 mm SSOP (14) 6.20 mm × 5.30 mm PDIP (14) 19.30 mm × 6.35 mm SO (14) 10.30 mm × 5.30 mm SN5414, SN54LS14 CDIP (14) 19.56 mm × 6.67 mm CFP (14) 9.21 mm × 5.97 mm LCCC (20) 8.89 mm × 8.89 mm (1) For all available packages, see the orderable addendum at the end of the data sheet. Logic Diagram (Positive Logic) |
Numéro de pièce similaire - SN74LS14 |
|
Description similaire - SN74LS14 |