Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BF257 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce BF257
Description  HIGH VOLTAGE VIDEO AMPLIFIERS
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BF257 Fiches technique(HTML) 4 Page - STMicroelectronics

  BF257 Datasheet HTML 1Page - STMicroelectronics BF257 Datasheet HTML 2Page - STMicroelectronics BF257 Datasheet HTML 3Page - STMicroelectronics BF257 Datasheet HTML 4Page - STMicroelectronics BF257 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
12.7
0.500
B
0.49
0.019
D
6.6
0.260
E
8.5
0.334
F
9.4
0.370
G
5.08
0.200
H
1.2
0.047
I
0.9
0.035
L45
o (typ.)
L
G
I
DA
H
TO39 MECHANICAL DATA
P008B
BF257-BF258-BF259
4/5



Html Pages

1 2 3 4 5