| Moteur de recherche de fiches techniques de composants électroniques |
|
TMS320VC33 Fiches technique(PDF) 34 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
TMS320VC33 Fiches technique(HTML) 34 Page - Texas Instruments |
|
34 / 59 page ![]() TMS320VC33 DIGITAL SIGNAL PROCESSOR SPRS087E -- FEBRUARY 1999 -- REVISED JANUARY 2004 34 POST OFFICE BOX 1443 • HOUSTON, TEXAS 77251--1443 XF0 and XF1 timing when executing LDFI or LDII The following tables define the timing parameters for XF0 and XF1 during execution of LDFI or LDII. timing requirements for XF0 and XF1 when executing LDFI or LDII (see Figure 22) VC33-120 VC33-150 UNIT MIN MAX MIN MAX UNIT tsu(XF1-H1L) Setup time, XF1 before H1 low 5 4 ns th(H1L-XF1) Hold time, XF1 after H1 low 0 0 ns switching characteristics over recommended operating conditions for XF0 and XF1 when executing LDFI or LDII (see Figure 22) PARAMETER VC33-120 VC33-150 UNIT PARAMETER MIN MAX MIN MAX UNIT td(H3H-XF0L) Delay time, H3 high to XF0 low 4 3 ns H3 H1 R/W A[23:0] D[31:0] RDY XF0 XF1 Fetch LDFI or LDII Decode Read Execute PAGEx, STRB td(H3H-XF0L) tsu(XF1-H1L) th(H1L-XF1) Figure 22. Timing for XF0 and XF1 When Executing LDFI or LDII |