| Moteur de recherche de fiches techniques de composants électroniques |
|
SSCD204 Fiches technique(PDF) 2 Page - Texas Instruments |
|
|
|||||||||||||||||||||||||||||
SSCD204 Fiches technique(HTML) 2 Page - Texas Instruments |
|
2 / 25 page ![]() www.ti.com FUNCTION DIAGRAM Input + Filter GalvanicIsolation Barrier Vref Vref DataMUX EN IN OSC + PWM ACDetect OutputBuffer DCChannel ACChannel Filter PulseWidth Demodulation CarrierDetect OUT ISO7240 ISO7241 ISO7242 SLLS868A – SEPTEMBER 2007 – REVISED DECEMBER 2007 These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam during storage or handling to prevent electrostatic damage to the MOS gates. Table 1. Device Function Table ISO724x (1) INPUT OUTPUT ENABLE OUTPUT VCC1 VCC2 (IN) (EN) (OUT) H H or Open H L H or Open L PU PU X L Z Open H or Open H PD PU X H or Open H PD PU X L Z (1) PU = Powered Up; PD = Powered Down ; X = Irrelevant; H = High Level; L = Low Level 2 Submit Documentation Feedback Copyright © 2007, Texas Instruments Incorporated Product Folder Link(s): ISO7240 ISO7241 ISO7242 |