| Moteur de recherche de fiches techniques de composants électroniques |
|
EGC2015AFB Fiches technique(PDF) 26 Page - Eaton All Rights Reserved. |
|
|
|||||||||||||||||||||||||||||
EGC2015AFB Fiches technique(HTML) 26 Page - Eaton All Rights Reserved. |
|
26 / 63 page ![]() V9-T1-26 Volume 9—OEM—Original Equipment Manufacturer CA08100011E—February 2014 www.eaton.com 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1 1.1 Circuit Protection Circuit Breakers Product Selection FAZ-NA UL 489 Circuit Breakers—10 kAIC, 14 kAIC B Curve (15–25A) FAZ-RT UL 489 Circuit Breakers with Ring-Tongue Terminals—10 kAIC, 14 kAIC B Curve (15–25A) FAZ-NA UL 489 Circuit Breakers—10 kAIC, 14 kAIC C Curve (15–25A) FAZ-RT UL 489 Circuit Breakers with Ring-Tongue Terminals—10 kAIC, 14 kAIC C Curve (15–25A) Notes 1 Two-piece order. Quantities of two per box. 2 240 Vac rated only. 3 Option for single packaging on single-pole C and D curves only; add suffix SP when ordering. Amperes Single-Pole 1 Catalog Number Two-Pole Catalog Number Three-Pole Catalog Number B Curve (3–5X In Current Rating) 1 FAZ-B1/1-NA FAZ-B1/2-NA FAZ-B1/3-NA 1.5 FAZ-B1.5/1-NA FAZ-B1.5/2-NA FAZ-B1.5/3-NA 2 FAZ-B2/1-NA FAZ-B2/2-NA FAZ-B2/3-NA 3 FAZ-B3/1-NA FAZ-B3/2-NA FAZ-B3/3-NA 4 FAZ-B4/1-NA FAZ-B4/2-NA FAZ-B4/3-NA 5 FAZ-B5/1-NA FAZ-B5/2-NA FAZ-B5/3-NA 6 FAZ-B6/1-NA FAZ-B6/2-NA FAZ-B6/3-NA 7 FAZ-B7/1-NA FAZ-B7/2-NA FAZ-B7/3-NA 8 FAZ-B8/1-NA FAZ-B8/2-NA FAZ-B8/3-NA 10 FAZ-B10/1-NA FAZ-B10/2-NA FAZ-B10/3-NA 13 FAZ-B13/1-NA FAZ-B13/2-NA FAZ-B13/3-NA 15 FAZ-B15/1-NA FAZ-B15/2-NA FAZ-B15/3-NA 16 FAZ-B16/1-NA FAZ-B16/2-NA FAZ-B16/3-NA 20 FAZ-B20/1-NA FAZ-B20/2-NA FAZ-B20/3-NA 25 FAZ-B25/1-NA FAZ-B25/2-NA FAZ-B25/3-NA 30 FAZ-B30/1-NA FAZ-B30/2-NA FAZ-B30/3-NA 32 FAZ-B32/1-NA FAZ-B32/2-NA FAZ-B32/3-NA 35 2 FAZ-B35/1-NA FAZ-B35/2-NA FAZ-B35/3-NA 40 2 FAZ-B40/1-NA FAZ-B40/2-NA FAZ-B40/3-NA Amperes Single-Pole 1 Catalog Number Two-Pole Catalog Number Three-Pole Catalog Number B Curve with Ring-Tongue Terminals (3–5X In Current Rating) 1 FAZ-B1/1-RT FAZ-B1/2-RT FAZ-B1/3-RT 1.5 FAZ-B1.5/1-RT FAZ-B1.5/2-RT FAZ-B1.5/3-RT 2 FAZ-B2/1-RT FAZ-B2/2-RT FAZ-B2/3-RT 3 FAZ-B3/1-RT FAZ-B3/2-RT FAZ-B3/3-RT 4 FAZ-B4/1-RT FAZ-B4/2-RT FAZ-B4/3-RT 5 FAZ-B5/1-RT FAZ-B5/2-RT FAZ-B5/3-RT 6 FAZ-B6/1-RT FAZ-B6/2-RT FAZ-B6/3-RT 7 FAZ-B7/1-RT FAZ-B7/2-RT FAZ-B7/3-RT 8 FAZ-B8/1-RT FAZ-B8/2-RT FAZ-B8/3-RT 10 FAZ-B10/1-RT FAZ-B10/2-RT FAZ-B10/3-RT 13 FAZ-B13/1-RT FAZ-B13/2-RT FAZ-B13/3-RT 15 FAZ-B15/1-RT FAZ-B15/2-RT FAZ-B15/3-RT 16 FAZ-B16/1-RT FAZ-B16/2-RT FAZ-B16/3-RT 20 FAZ-B20/1-RT FAZ-B20/2-RT FAZ-B20/3-RT 25 FAZ-B25/1-RT FAZ-B25/2-RT FAZ-B25/3-RT 30 FAZ-B30/1-RT FAZ-B30/2-RT FAZ-B30/3-RT 32 FAZ-B32/1-RT FAZ-B32/2-RT FAZ-B32/3-RT 35 2 FAZ-B35/1-RT FAZ-B35/2-RT FAZ-B35/3-RT 40 2 FAZ-B40/1-RT FAZ-B40/2-RT FAZ-B40/3-RT Amperes Single-Pole 3 Catalog Number Two-Pole Catalog Number Three-Pole Catalog Number C Curve (5–10X In Current Rating) 0.5 FAZ-C0.5/1-NA-SP FAZ-C0.5/2-NA FAZ-C0.5/3-NA 1 FAZ-C1/1-NA-SP FAZ-C1/2-NA FAZ-C1/3-NA 1.5 FAZ-C1.5/1-NA-SP FAZ-C1.5/2-NA FAZ-C1.5/3-NA 2 FAZ-C2/1-NA-SP FAZ-C2/2-NA FAZ-C2/3-NA 3 FAZ-C3/1-NA-SP FAZ-C3/2-NA FAZ-C3/3-NA 4 FAZ-C4/1-NA-SP FAZ-C4/2-NA FAZ-C4/3-NA 5 FAZ-C5/1-NA-SP FAZ-C5/2-NA FAZ-C5/3-NA 6 FAZ-C6/1-NA-SP FAZ-C6/2-NA FAZ-C6/3-NA 7 FAZ-C7/1-NA-SP FAZ-C7/2-NA FAZ-C7/3-NA 8 FAZ-C8/1-NA-SP FAZ-C8/2-NA FAZ-C8/3-NA 10 FAZ-C10/1-NA-SP FAZ-C10/2-NA FAZ-C10/3-NA 13 FAZ-C13/1-NA-SP FAZ-C13/2-NA FAZ-C13/3-NA 15 FAZ-C15/1-NA-SP FAZ-C15/2-NA FAZ-C15/3-NA 16 FAZ-C16/1-NA-SP FAZ-C16/2-NA FAZ-C16/3-NA 20 FAZ-C20/1-NA-SP FAZ-C20/2-NA FAZ-C20/3-NA 25 FAZ-C25/1-NA-SP FAZ-C25/2-NA FAZ-C25/3-NA 30 FAZ-C30/1-NA-SP FAZ-C30/2-NA FAZ-C30/3-NA 32 FAZ-C32/1-NA-SP FAZ-C32/2-NA FAZ-C32/3-NA 35 2 FAZ-C35/1-NA-SP FAZ-C35/2-NA FAZ-C35/3-NA 40 2 FAZ-C40/1-NA-SP FAZ-C40/2-NA FAZ-C40/3-NA Amperes Single-Pole 3 Catalog Number Two-Pole Catalog Number Three-Pole Catalog Number C Curve with Ring-Tongue Terminals (5–10X In Current Rating) 0.5 FAZ-C0.5/1-RT-SP FAZ-C0.5/2-RT FAZ-C0.5/3-RT 1 FAZ-C1/1-RT-SP FAZ-C1/2-RT FAZ-C1/3-RT 1.5 FAZ-C1.5/1-RT-SP FAZ-C1.5/2-RT FAZ-C1.5/3-RT 2 FAZ-C2/1-RT-SP FAZ-C2/2-RT FAZ-C2/3-RT 3 FAZ-C3/1-RT-SP FAZ-C3/2-RT FAZ-C3/3-RT 4 FAZ-C4/1-RT-SP FAZ-C4/2-RT FAZ-C4/3-RT 5 FAZ-C5/1-RT-SP FAZ-C5/2-RT FAZ-C5/3-RT 6 FAZ-C6/1-RT-SP FAZ-C6/2-RT FAZ-C6/3-RT 7 FAZ-C7/1-RT-SP FAZ-C7/2-RT FAZ-C7/3-RT 8 FAZ-C8/1-RT-SP FAZ-C8/2-RT FAZ-C8/3-RT 10 FAZ-C10/1-RT-SP FAZ-C10/2-RT FAZ-C10/3-RT 13 FAZ-C13/1-RT-SP FAZ-C13/2-RT FAZ-C13/3-RT 15 FAZ-C15/1-RT-SP FAZ-C15/2-RT FAZ-C15/3-RT 16 FAZ-C16/1-RT-SP FAZ-C16/2-RT FAZ-C16/3-RT 20 FAZ-C20/1-RT-SP FAZ-C20/2-RT FAZ-C20/3-RT 25 FAZ-C25/1-RT-SP FAZ-C25/2-RT FAZ-C25/3-RT 30 FAZ-C30/1-RT-SP FAZ-C30/2-RT FAZ-C30/3-RT 32 FAZ-C32/1-RT-SP FAZ-C32/2-RT FAZ-C32/3-RT 35 2 FAZ-C35/1-RT-SP FAZ-C35/2-RT FAZ-C35/3-RT 40 2 FAZ-C40/1-RT-SP FAZ-C40/2-RT FAZ-C40/3-RT |