Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BD709 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce BD709
Description  COMPLEMENTARY SILICON POWER TRANSISTORS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BD709 Fiches technique(HTML) 4 Page - STMicroelectronics

  BD709 Datasheet HTML 1Page - STMicroelectronics BD709 Datasheet HTML 2Page - STMicroelectronics BD709 Datasheet HTML 3Page - STMicroelectronics BD709 Datasheet HTML 4Page - STMicroelectronics BD709 Datasheet HTML 5Page - STMicroelectronics BD709 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Collector-Emitter Saturation Voltage (NPN type)
Collector-Emitter Saturation Voltage (PNP type)
Base-Emitter Saturation Voltage (NPN type)
Base-Emitter Saturation Voltage (PNP type)
Transition Frequency (NPN type)
Transition Frequency (PNP type)
BD707/708/709/711/712
4/6



Html Pages

1 2 3 4 5 6