Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PAL16R4 Fiches technique(PDF) 24 Page - Texas Instruments

No de pièce PAL16R4
Description  HIGH-PERFORMANCE IMPACT-X™ PAL® CIRCUITS
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI2 [Texas Instruments]
Site Internet  https://www.ti.com
Logo TI2 - Texas Instruments

PAL16R4 Fiches technique(HTML) 24 Page - Texas Instruments

Back Button PAL16R4 Datasheet HTML 19Page - Texas Instruments PAL16R4 Datasheet HTML 20Page - Texas Instruments PAL16R4 Datasheet HTML 21Page - Texas Instruments PAL16R4 Datasheet HTML 22Page - Texas Instruments PAL16R4 Datasheet HTML 23Page - Texas Instruments PAL16R4 Datasheet HTML 24Page - Texas Instruments PAL16R4 Datasheet HTML 25Page - Texas Instruments PAL16R4 Datasheet HTML 26Page - Texas Instruments PAL16R4 Datasheet HTML 27Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
PACKAGE MATERIALS INFORMATION
www.ti.com
23-May-2025
TUBE
L - Tube length
T - Tube
height
W - Tube
width
B - Alignment groove width
*All dimensions are nominal
Device
Package Name
Package Type
Pins
SPQ
L (mm)
W (mm)
T (µm)
B (mm)
5962-85155152A
FK
LCCC
20
55
506.98
12.06
2030
NA
5962-85155162A
FK
LCCC
20
55
506.98
12.06
2030
NA
TIBPAL16R4-12MFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
TIBPAL16R4-12MFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
TIBPAL16R6-12MFKB
FK
LCCC
20
55
506.98
12.06
2030
NA
TIBPAL16R6-12MFKB.A
FK
LCCC
20
55
506.98
12.06
2030
NA
Pack Materials-Page 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27