Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF85263ATT1/AJ Fiches technique(PDF) 25 Page - NXP Semiconductors

No de pièce PCF85263ATT1/AJ
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT1/AJ Fiches technique(HTML) 25 Page - NXP Semiconductors

Back Button PCF85263ATT1/AJ Datasheet HTML 21Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 22Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 23Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 24Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 25Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 26Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 27Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 28Page - NXP Semiconductors PCF85263ATT1/AJ Datasheet HTML 29Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
25 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
8.4.3 Alarm interrupts
The generation of interrupts from the alarm functions is controlled via the alarm interrupt
enable bits; A1IEA, A1IEB, A2IEA, A2IEB. These bits are in registers INTA_enable
(address 29h) and INTB_enable (address 2Ah).
(1) Only when all enabled alarm settings are matching.
The flag is set only on increment to a matched case (and not all the time it is equal).
Fig 13. Alarm1 and alarm2 function block diagram (stop-watch mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100