Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

PCF85263ATT/AJ Fiches technique(PDF) 98 Page - NXP Semiconductors

No de pièce PCF85263ATT/AJ
Description  Tiny Real-Time Clock/calendar with alarm function, battery switch-over, time stamp input, and I2C-bus
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF85263ATT/AJ Fiches technique(HTML) 98 Page - NXP Semiconductors

Back Button PCF85263ATT/AJ Datasheet HTML 92Page - NXP Semiconductors PCF85263ATT/AJ Datasheet HTML 93Page - NXP Semiconductors PCF85263ATT/AJ Datasheet HTML 94Page - NXP Semiconductors PCF85263ATT/AJ Datasheet HTML 95Page - NXP Semiconductors PCF85263ATT/AJ Datasheet HTML 96Page - NXP Semiconductors PCF85263ATT/AJ Datasheet HTML 97Page - NXP Semiconductors PCF85263ATT/AJ Datasheet HTML 98Page - NXP Semiconductors PCF85263ATT/AJ Datasheet HTML 99Page - NXP Semiconductors PCF85263ATT/AJ Datasheet HTML 100Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 98 / 100 page
background image
PCF85263A
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2015. All rights reserved.
Product data sheet
Rev. 4.1 — 27 November 2015
98 of 100
NXP Semiconductors
PCF85263A
Tiny RTC with alarm, battery switch-over, and I2C-bus
30. Figures
Fig 1.
Block diagram of PCF85263A . . . . . . . . . . . . . . . .3
Fig 2.
Pin configuration for PCF85263AT (SO8) . . . . . . .4
Fig 3.
Pin configuration for PCF85263ATL
(DFN2626-10) . . . . . . . . . . . . . . . . . . . . . . . . . . . .4
Fig 4.
Pin configuration for PCF85263ATT (TSSOP8). . .4
Fig 5.
Pin configuration for PCF85263ATT1 (TSSOP10).5
Fig 6.
Address register incrementing . . . . . . . . . . . . . . . .7
Fig 7.
Register map . . . . . . . . . . . . . . . . . . . . . . . . . . . . .7
Fig 8.
Time mode register set selection . . . . . . . . . . . . . .8
Fig 9.
OS status bit . . . . . . . . . . . . . . . . . . . . . . . . . . . .15
Fig 10. Data flow for the time function . . . . . . . . . . . . . . .17
Fig 11. Data flow for the stop-watch function. . . . . . . . . .19
Fig 12. Alarm1 and alarm2 function block diagram
(RTC mode) . . . . . . . . . . . . . . . . . . . . . . . . . . . . .22
Fig 13. Alarm1 and alarm2 function block diagram
(stop-watch mode) . . . . . . . . . . . . . . . . . . . . . . . .25
Fig 14. WatchDog repeat mode . . . . . . . . . . . . . . . . . . . .27
Fig 15. WatchDog single shot mode . . . . . . . . . . . . . . . .28
Fig 16. Timestamp . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .29
Fig 17. Example battery switch-over timestamp . . . . . . .31
Fig 18. Example TS pin driven timestamp . . . . . . . . . . . .31
Fig 19. Offset calibration calculation workflow . . . . . . . . .37
Fig 20. Result of offset calibration . . . . . . . . . . . . . . . . . .38
Fig 21. Interrupt pulse width. . . . . . . . . . . . . . . . . . . . . . .40
Fig 22. Interrupt selection . . . . . . . . . . . . . . . . . . . . . . . .41
Fig 23. Threshold voltage switching hysteresis . . . . . . . .46
Fig 24. Switching at Vth . . . . . . . . . . . . . . . . . . . . . . . . . .46
Fig 25. Switching at VBAT . . . . . . . . . . . . . . . . . . . . . . . . .47
Fig 26. Switching at the higher of VBAT or Vth . . . . . . . . .48
Fig 27. Switching at the lower of VBAT or Vth . . . . . . . . . .49
Fig 28. TS pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .51
Fig 29. INTA pin . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .53
Fig 30. Software reset command . . . . . . . . . . . . . . . . . . .58
Fig 31. CPR and STOP bit functional diagram . . . . . . . .61
Fig 32. STOP release timing . . . . . . . . . . . . . . . . . . . . . .61
Fig 33. I2C read and write protocol . . . . . . . . . . . . . . . . .63
Fig 34. I2C read and write signaling. . . . . . . . . . . . . . . . .63
Fig 35. Application example. . . . . . . . . . . . . . . . . . . . . . .67
Fig 36. Application example timing . . . . . . . . . . . . . . . . .68
Fig 37. Device diode protection diagram of PCF85263A.69
Fig 38. Typical IDD with respect to fSCL . . . . . . . . . . . . . .73
Fig 39. Typical IDD as a function of temperature . . . . . . .73
Fig 40. Typical IDD with respect to VDD . . . . . . . . . . . . . .74
Fig 41. Oscillator frequency variation with respect to
VDD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75
Fig 42. I2C-bus timing diagram; rise and fall times refer
to 30 % and 70 % . . . . . . . . . . . . . . . . . . . . . . . .77
Fig 43. Application diagram for PCF85263A . . . . . . . . . .77
Fig 44. Package outline SOT96-1 (SO8), PCF85263AT .79
Fig 45. Package outline SOT1197-1 (DFN2626-10),
PCF85263ATL . . . . . . . . . . . . . . . . . . . . . . . . . . .80
Fig 46. Package outline SOT505-1 (TSSOP8),
PCF85263ATT . . . . . . . . . . . . . . . . . . . . . . . . . . .81
Fig 47. Package outline SOT552-1 (TSSOP10),
PCF85263ATT1 . . . . . . . . . . . . . . . . . . . . . . . . . .82
Fig 48. Temperature profiles for large and small
components. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85
Fig 49. Footprint information for reflow soldering of
SOT96-1 (SO8), PCF85263AT . . . . . . . . . . . . . . 86
Fig 50. Footprint information for reflow soldering of
SOT1197-1 (DFN2626-10),PCF85263ATL . . . . . 87
Fig 51. Footprint information for reflow soldering of
SOT505-1 (TSSOP8),PCF85263ATT . . . . . . . . . 88
Fig 52. Footprint information for reflow soldering of
SOT552-1 (TSSOP10), PCF85263ATT1 . . . . . . 89



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100