| Moteur de recherche de fiches techniques de composants électroniques |
|
PCF85263ATT1/A Fiches technique(PDF) 73 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF85263ATT1/A Fiches technique(HTML) 73 Page - NXP Semiconductors |
|
73 / 100 page ![]() PCF85263A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2015. All rights reserved. Product data sheet Rev. 4.1 — 27 November 2015 73 of 100 NXP Semiconductors PCF85263A Tiny RTC with alarm, battery switch-over, and I2C-bus Tamb =25 C; CLKOUT disabled. (1) VDD =5.0 V. (2) VDD =3.3 V. Fig 38. Typical IDD with respect to fSCL CL(itg) = 7 pF; CLKOUT disabled; battery switched on. (1) VDD =5V. (2) VDD =3.3 V. Fig 39. Typical IDD as a function of temperature |